Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 134 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 134 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 130Page - Cypress Semiconductor BCM4354 Datasheet HTML 131Page - Cypress Semiconductor BCM4354 Datasheet HTML 132Page - Cypress Semiconductor BCM4354 Datasheet HTML 133Page - Cypress Semiconductor BCM4354 Datasheet HTML 134Page - Cypress Semiconductor BCM4354 Datasheet HTML 135Page - Cypress Semiconductor BCM4354 Datasheet HTML 136Page - Cypress Semiconductor BCM4354 Datasheet HTML 137Page - Cypress Semiconductor BCM4354 Datasheet HTML 138Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 192 page
background image
Bluetooth RF Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 133
GFSK In-Band Spurious Emissions
–20 dBc BW
–
–
0.93
1
MHz
EDR In-Band Spurious Emissions
1.0 MHz < |M – N| < 1.5 MHz
M – N = the frequency range for
which the spurious emission is
measured relative to the
transmit center frequency.
–
–38
–26.0
dBc
1.5 MHz < |M – N| < 2.5 MHz
–
–31
–20.0
dBm
|M – N|
 2.5 MHza
–
–43
–40.0
dBm
Out-of-Band Spurious Emissions
30 MHz to 1 GHz
–
–
–
–36.0 b,c
dBm
1 GHz to 12.75 GHz
–
–
–
–30.0 b,d,e dBm
1.8 GHz to 1.9 GHz
–
–
–
–47.0
dBm
5.15 GHz to 5.3 GHz
–
–
–
–47.0
dBm
GPS Band Spurious Emissions
Spurious emissions
–
–
–103
–
dBm
Out-of-Band Noise Floorf
65–108 MHz
FM RX
–
–147
–
dBm/Hz
776–794 MHz
CDMA2000
–
–147
–
dBm/Hz
869–960 MHz
cdmaOne, GSM850
–
–147
–
dBm/Hz
925–960 MHz
E-GSM
–
–147
–
dBm/Hz
1570–1580 MHz
GPS
–
–146
–
dBm/Hz
1805–1880 MHz
GSM1800
–
–145
–
dBm/Hz
1930–1990 MHz
GSM1900, cdmaOne, WCDMA –
–144
–
dBm/Hz
2110–2170 MHz
WCDMA
–
–141
–
dBm/Hz
2500–2570 MHz
Band 7
–
–140
–
dBm
2300–2400 MHz
Band 40
–
–140
–
dBm
2570–2620 MHz
Band 38
–
–140
–
dBm
2545–2575 MHz
XGP Band
–
–140
–
dBm
a. The typical number is measured at ± 3 MHz offset.
b. The maximum value represents the value required for Bluetooth qualification as defined in the v4.1 specification.
c. The spurious emissions during Idle mode are the same as specified in Table 34 on page 132.
d. Specified at the Bluetooth Antenna port.
e. Meets this specification using a front–end band–pass filter.
f. Transmitted power in cellular and FM bands at the Bluetooth Antenna port. See Figure 35 on page 129 for
location of the port.
Table 34: Bluetooth Transmitter RF Specifications (Cont.)
Parameter
Conditions
Minimum Typical Maximum Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com