Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 146 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 146 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 142Page - Cypress Semiconductor BCM4354 Datasheet HTML 143Page - Cypress Semiconductor BCM4354 Datasheet HTML 144Page - Cypress Semiconductor BCM4354 Datasheet HTML 145Page - Cypress Semiconductor BCM4354 Datasheet HTML 146Page - Cypress Semiconductor BCM4354 Datasheet HTML 147Page - Cypress Semiconductor BCM4354 Datasheet HTML 148Page - Cypress Semiconductor BCM4354 Datasheet HTML 149Page - Cypress Semiconductor BCM4354 Datasheet HTML 150Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 192 page
background image
WLAN 2.4 GHz Receiver Performance Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 145
Blocking level for 3dB RX
sensitivity degradation
(without external filtering)c
776–794 MHz
CDMA2000
–8
–24
–
dBm
824–849 MHzd
cdmaOne
–24.5
–25
–
dBm
824–849 MHzd
GSM850
–16.5
–15
–
dBm
880–915 MHz
E–GSM
–2
–16
–
dBm
1710–1785 MHz
GSM1800
–17
–18
–
dBm
1850–1910 MHz
GSM1800
–21
–19
–
dBm
1850–1910 MHz
cdmaOne
–32
–26
–
dBm
1850–1910 MHz
WCDMA
–29
–26
–
dBm
1920–1980 MHz
WCDMA
–32
–28.5 –
dBm
2500–2570 MHz
Band 7
–45
–45
–
dBm
2300–2400 MHz
Band 40
–50
–50
–
dBm
2570-2620 MHz
Band 38
–45
–45
–
dBm
2545-2575 MHz
XGP band
–45
–45
–
dBm
In-band static CW jammer
immunity
(fc – 8 MHz < fcw < + 8 MHz)
RX PER < 1%, 54 Mbps OFDM,
1000 octet PSDU for:
(RxSense + 23 dB < Rxlevel < max. input
level)
–80
–
–
dBm
Input In–Band IP3
Maximum LNA gain
–
–15.5 –
dBm
Minimum LNA gain
–
–1.5
–
dBm
Maximum Receive Level
@ 2.4 GHz
@ 1, 2 Mbps (8% PER, 1024 octets)
–3.5
–
–
dBm
@ 5.5, 11 Mbps (8% PER, 1024 octets)
–9.5
–
–
dBm
@ 6–54 Mbps (10% PER, 1024 octets)
–9.5
–
–
dBm
@ MCS0–7 rates (10% PER, 4095 octets) –9.5
–
–
dBm
@ MCS8–9 rates (10% PER, 4095 octets) –11.5
–
–
dBm
LPF 3 dB Bandwidth
–
9
–
36
MHz
Adjacent channel rejection–
DSSS
(Difference between
interfering and desired
signal at 8% PER for 1024
octet PSDU with desired
signal level as specified in
Condition/Notes)
Desired and interfering signal 30 MHz apart
1 Mbps DSSS
–74 dBm
35
–
–
dB
2 Mbps DSSS
–74 dBm
35
–
–
dB
Desired and interfering signal 25 MHz apart
5.5 Mbps DSSS
–70 dBm
35
–
–
dB
11 Mbps DSSS
–70 dBm
35
–
–
dB
Adjacent channel rejection–
OFDM
(difference between
interfering and desired
signal (25 MHz apart) at
10% PER for 1024 octet
PSDU with desired signal
level as specified in
Condition/Notes)
6 Mbps OFDM
–79 dBm
16
–
–
dB
9 Mbps OFDM
–78 dBm
15
–
–
dB
12 Mbps OFDM
–76 dBm
13
–
–
dB
18 Mbps OFDM
–74 dBm
11
–
–
dB
24 Mbps OFDM
–71 dBm
8
–
–
dB
36 Mbps OFDM
–67 dBm
4
–
–
dB
48 Mbps OFDM
–63 dBm
0
–
–
dB
54 Mbps OFDM
–62 dBm
–1
–
–
dB
Table 39: WLAN 2.4 GHz Receiver Performance Specifications (Cont.)
Parameter
Condition/Notes
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com