Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 147 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 147 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 143Page - Cypress Semiconductor BCM4354 Datasheet HTML 144Page - Cypress Semiconductor BCM4354 Datasheet HTML 145Page - Cypress Semiconductor BCM4354 Datasheet HTML 146Page - Cypress Semiconductor BCM4354 Datasheet HTML 147Page - Cypress Semiconductor BCM4354 Datasheet HTML 148Page - Cypress Semiconductor BCM4354 Datasheet HTML 149Page - Cypress Semiconductor BCM4354 Datasheet HTML 150Page - Cypress Semiconductor BCM4354 Datasheet HTML 151Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 192 page
background image
WLAN 2.4 GHz Receiver Performance Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 146
Adjacent channel rejection
MCS0–9 (Difference
between interfering and
desired signal (25 MHz
apart) at 10% PER for 4096
octet PSDU with desired
signal level as specified in
Condition/Notes)
MCS0
–79 dBm
16
–
–
dB
MCS1
–76 dBm
13
–
–
dB
MCS2
–74 dBm
11
–
–
dB
MCS3
–71 dBm
8
–
–
dB
MCS4
–67 dBm
4
–
–
dB
MCS5
–63 dBm
0
–
–
dB
MCS6
–62 dBm
–1
–
–
dB
MCS7
–61 dBm
–2
–
–
dB
MCS8
–59 dBm
–4
–
–
dB
MCS9
–57 dBm
–6
–
–
dB
IEEE 802.11ac Adjacent
channel rejection MCS0–9
(Difference between
interfering and desired
signal at 10% PER for 4096
octet PSDU with desired
signal level as specified in
Condition/Notes)
MCS0
–82 dBm
–
–
–
dB
MCS1
–80 dBm
–
–
–
dB
MCS2
–77 dBm
–
–
–
dB
MCS3
–74 dBm
–
–
–
dB
MCS4
–70 dBm
–
–
–
dB
MCS5
–66 dBm
–
–
–
dB
MCS6
–65 dBm
–
–
–
dB
MCS7
–64 dBm
–
–
–
dB
MCS8
–59 dBm
–
–
–
dB
MCS9
–57 dBm
–
–
–
dB
Maximum receiver gain
–
–
–
95
–
dB
Gain control step
–
–
–
3
–
dB
RSSI accuracye
Range –90 dBm to –30 dBm
–5
–
5
dB
Range above –30 dBm
–8
–
8
dB
Return loss
Zo = 50Ω, across the dynamic range
10
11.5
13
dB
Receiver cascaded noise
figure
At maximum gain
–
4
–
dB
General spurs
1–18 GHz
–
–
–
–60
dBm/MHz
a. Derate by 1.5 dB for 55°C to 70°C.
b. Sensitivity degradations for alternate settings in MCS modes. MM: 0.5 dB drop, and SGI: 2 dB drop.
c. The cellular standard listed for each band indicates the type of modulation used to generate the interfering signal in that band
for the purpose of this test. It is not intended to indicate any specific usage of each band in any specific country.
d. The blocking levels are valid for channels 1 to 11. (For higher channels, the performance may be lower due to third harmonic
signals (3 × 824 MHz) falling within band.)
e. The minimum and maximum values shown have a 95% confidence level.
Table 39: WLAN 2.4 GHz Receiver Performance Specifications (Cont.)
Parameter
Condition/Notes
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com