Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 149 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 149 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 145Page - Cypress Semiconductor BCM4354 Datasheet HTML 146Page - Cypress Semiconductor BCM4354 Datasheet HTML 147Page - Cypress Semiconductor BCM4354 Datasheet HTML 148Page - Cypress Semiconductor BCM4354 Datasheet HTML 149Page - Cypress Semiconductor BCM4354 Datasheet HTML 150Page - Cypress Semiconductor BCM4354 Datasheet HTML 151Page - Cypress Semiconductor BCM4354 Datasheet HTML 152Page - Cypress Semiconductor BCM4354 Datasheet HTML 153Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 192 page
background image
WLAN 2.4 GHz Transmitter Performance Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 148
–
EVM Does Not Exceed
TX power at RF port for
highest power level setting
at 25°C with spectral mask
and EVM complianceb
802.11b
(DSSS/CCK)
–9 dB
18
19.5
–
dBm
OFDM, BPSK
–8 dB
18
19
–
dBm
OFDM, QPSK
–13 dB
18
19
–
dBm
OFDM, 16-QAM
–19 dB
16.5
18
–
dBm
OFDM, 64-QAM
(R = 3/4)
–25 dB
15.5
17
–
dBm
OFDM, 64-QAM
(R = 5/6)
–28 dB
14.5
16
–
dBm
OFDM, 256-QAM
(R = 3/4, VHT20)
–30 dB
13.5
15
–
dBm
OFDM, 256-QAM
(R = 5/6, VHT20)
–32 dB
12
13.5
–
dBm
Phase noise
37.4 MHz Crystal, Integrated from
10 kHz to 10 MHz
–
0.45
–
Degrees
TX power control dynamic
range
–10
–
–
dB
Closed-loop TX power
variation at highest power
level setting
Across full temperature and
voltage range. Applies across 10
dBm to 20 dBm output power
range.
––
±1.5
dB
Carrier suppression
–
15
–
–
dBc
Gain control step
–
–
0.25
–
dB
Return loss at chip port TX Zo = 50Ω
–6
–
dB
a. The cellular standards listed only indicate the typical usages of that band in some countries: other standards
may also be used within those bands
b. Derate by 1.5 dB for temperatures higher than 55°C, or supply voltages lower than 3.0V. Derate by 3.0 dB for
supply voltages of lower than 2.7V, or supply voltages lower than 3.0V at temperatures higher than 55°C.
Table 40: WLAN 2.4 GHz Transmitter Performance Specifications (Cont.)
Parameter
Condition/Notes
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com