Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 152 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 152 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 148Page - Cypress Semiconductor BCM4354 Datasheet HTML 149Page - Cypress Semiconductor BCM4354 Datasheet HTML 150Page - Cypress Semiconductor BCM4354 Datasheet HTML 151Page - Cypress Semiconductor BCM4354 Datasheet HTML 152Page - Cypress Semiconductor BCM4354 Datasheet HTML 153Page - Cypress Semiconductor BCM4354 Datasheet HTML 154Page - Cypress Semiconductor BCM4354 Datasheet HTML 155Page - Cypress Semiconductor BCM4354 Datasheet HTML 156Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 192 page
background image
WLAN 5 GHz Receiver Performance Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 151
SISO RX sensitivity IEEE
802.11ac
(10% PER for 4096 octet
PSDU)a,b
Defined for default
parameters: GF, 800 ns GI,
and non-STBC
20 MHz channel spacing for all MCS rates
MCS0, Nss 1
–
–91.3
–
dBm
MCS1, Nss 1
–
–88.3
–
dBm
MCS2, Nss 1
–
–86
–
dBm
MCS3, Nss 1
–
–83
–
dBm
MCS4, Nss 1
–
–79.4
–
dBm
MCS5, Nss 1
–
–74.9
–
dBm
MCS6, Nss 1
–
–73.3
–
dBm
MCS7, Nss 1
–
–72.6
–
dBm
MCS8, Nss 1
–
–68.2
–
dBm
MIMO RX sensitivity IEEE
802.11ac
(10% PER for 4096 octet
PSDU)a,b
Defined for default
parameters: GF, 800 ns GI,
and non-STBC
20 MHz channel spacing for all MCS rates
MCS0, Nss 1
–
–92.8
–
dBm/core
MCS1, Nss 1
–
–91.3
–
dBm/core
MCS2, Nss 1
–
–89
–
dBm/core
MCS3, Nss 1
–
–86
–
dBm/core
MCS4, Nss 1
–
–82.4
–
dBm/core
MCS5, Nss 1
–
–77.9
–
dBm/core
MCS6, Nss 1
–
–76.3
–
dBm/core
MCS7, Nss 1
–
–75.6
–
dBm/core
MCS8, Nss 1
–
–71.2
–
dBm/core
MCS0, Nss 2
–
–91
–
dBm/core
MCS8, Nss 2
–
–67.1
–
dBm/core
SISO RX sensitivity IEEE
802.11ac
(10% PER for 4096 octet
PSDU)a,b
Defined for default
parameters: GF, 800 ns GI,
and non-STBC.
40 MHz channel spacing for all MCS rates
MCS0, Nss 1
–
–88.5
–
dBm
MCS1, Nss 1
–
–85.5
–
dBm
MCS2, Nss 1
–
–83.7
–
dBm
MCS3, Nss 1
–
–80.5
–
dBm
MCS4, Nss 1
–
–77.5
–
dBm
MCS5, Nss 1
–
–72.5
–
dBm
MCS6, Nss 1
–
–71.7
–
dBm
MCS7, Nss 1
–
–70.3
–
dBm
MCS8, Nss 1
–
–65.9
–
dBm
MCS9, Nss 1
–
–64.6
–
dBm
Table 41: WLAN 5 GHz Receiver Performance Specifications (Cont.)
Parameter
Condition/Notes
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com