Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 156 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 156 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 152Page - Cypress Semiconductor BCM4354 Datasheet HTML 153Page - Cypress Semiconductor BCM4354 Datasheet HTML 154Page - Cypress Semiconductor BCM4354 Datasheet HTML 155Page - Cypress Semiconductor BCM4354 Datasheet HTML 156Page - Cypress Semiconductor BCM4354 Datasheet HTML 157Page - Cypress Semiconductor BCM4354 Datasheet HTML 158Page - Cypress Semiconductor BCM4354 Datasheet HTML 159Page - Cypress Semiconductor BCM4354 Datasheet HTML 160Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 192 page
background image
WLAN 5 GHz Receiver Performance Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 155
RSSI accuracyf
Range –90 dBm to –30 dBm
–5
–
5
dB
Range above –30 dBm
–8
–
8
dB
Return loss
Zo = 50Ω, across the dynamic range
10
–
13
dB
Receiver cascaded noise
figure
At maximum gain
–
5
–
dB
General spurs
1–18 GHz
–
–
–
–65
dBm/MHz
a. Derate by 1.5 dB for 55°C to 70°C.
b. The cellular standard listed for each band indicates the type of modulation used to generate the interfering signal
in that band for the purpose of this test. It is not intended to indicate any specific usage of each band in any
specific country.
c. The cellular standard listed for each band indicates the type of modulation used to generate the interfering signal
in that band for the purpose of this test. It is not intended to indicate any specific usage of each band in any
specific country.
d. The blocking levels are valid for channels 1 to 11. (For higher channels, the performance may be lower due to
third harmonic signals (3 × 824 MHz) falling within band.)
e. For 65 Mbps, the size is 4096.
f. The minimum and maximum values shown have a 95% confidence level.
Table 41: WLAN 5 GHz Receiver Performance Specifications (Cont.)
Parameter
Condition/Notes
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com