Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 159 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 159 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 155Page - Cypress Semiconductor BCM4354 Datasheet HTML 156Page - Cypress Semiconductor BCM4354 Datasheet HTML 157Page - Cypress Semiconductor BCM4354 Datasheet HTML 158Page - Cypress Semiconductor BCM4354 Datasheet HTML 159Page - Cypress Semiconductor BCM4354 Datasheet HTML 160Page - Cypress Semiconductor BCM4354 Datasheet HTML 161Page - Cypress Semiconductor BCM4354 Datasheet HTML 162Page - Cypress Semiconductor BCM4354 Datasheet HTML 163Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 192 page
background image
Internal Regulator Electrical Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 158
Section 18: Internal Regulator Electrical
Specifications
Functional operation is not guaranteed outside of the specification limits provided in this section.
Core Buck Switching Regulator
Note: Values in this data sheet are design goals and are subject to change based on the results of
device characterization.
Table 43: Core Buck Switching Regulator (CBUCK) Specifications
Specification
Notes
Min.
Typ.
Max.
Units
Input supply voltage (DC)
DC voltage range inclusive of
disturbances.
3.0
3.6
5.25a
V
PWM mode switching frequency CCM, Load > 100 mA VBAT = 3.6V
2.8
4
5.2
MHz
PWM output current
–
–
–
600
mA
Output current limit
–
–
1400
–
mA
Output voltage range
Programmable, 30 mV steps
Default = 1.35V
1.2
1.35
1.5
V
PWM output voltage
DC accuracy
Includes load and line regulation.
Forced PWM mode
–4
–4%
PWM ripple voltage, static
Measure with 20 MHz bandwidth limit.
Static Load. Max. ripple based on
VBAT = 3.6V, Vout = 1.35V,
Fsw = 4 MHz, 2.2 μH inductor L > 1.05 μH,
Cap + Board total-ESR < 20 mΩ,
Cout > 1.9 μF, ESL<200pH
–
7
20
mVpp
PWM mode peak efficiency
Peak Efficiency at 200 mA load
78
86
–
%
PFM mode efficiency
10 mA load current
70
81
–
%
Start-up time from
power down
VIO already ON and steady.
Time from REG_ON rising edge to CLDO
reaching 1.2V
–
–
850
µs
External inductor
0806 size, ± 30%, 0.11 ± 25% Ohms
–
2.2
–
µH
External output capacitor
Ceramic, X5R, 0402,
ESR <30 mΩ at 4 MHz, ± 20%, 6.3V
2.0b
4.7
10c
µF
External input capacitor
For SR_VDDBATP5V pin,
ceramic, X5R, 0603,
ESR < 30 mΩ at 4 MHz, ± 20%, 6.3V,
4.7 µF
0.67b
4.7
–
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com