Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 163 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 163 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 159Page - Cypress Semiconductor BCM4354 Datasheet HTML 160Page - Cypress Semiconductor BCM4354 Datasheet HTML 161Page - Cypress Semiconductor BCM4354 Datasheet HTML 162Page - Cypress Semiconductor BCM4354 Datasheet HTML 163Page - Cypress Semiconductor BCM4354 Datasheet HTML 164Page - Cypress Semiconductor BCM4354 Datasheet HTML 165Page - Cypress Semiconductor BCM4354 Datasheet HTML 166Page - Cypress Semiconductor BCM4354 Datasheet HTML 167Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 192 page
background image
CLDO
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 162
CLDO
Table 47: CLDO Specifications
Specification
Notes
Min.
Typ.
Max. Units
Input supply voltage, Vin
Min. = 1.2 + 0.15V = 1.35V dropout voltage
requirement must be met under maximum
load.
1.3
1.35
1.5
V
Output current
–
0.2
–
300
mA
Output voltage, Vo
Programmable in 25 mV steps.
Default = 1.2.V
1.1
1.2
1.275 V
Dropout voltage
At max. load
–
–
150
mV
Output voltage DC accuracy
Includes line/load regulation
–4
–
+4
%
Quiescent current
No load
–
24
–
µA
300 mA load
–
2.1
–
mA
Line Regulation
Vin from (Vo + 0.15V) to 1.5V, maximum load –
–
5
mV/V
Load Regulation
Load from 1 mA to 300 mA
–
0.02
0.05
mV/mA
Leakage Current
Power down
–
–
20
µA
Bypass mode
–
13µA
PSRR
@1 kHz, Vin ≥ 1.35V, Co = 4.7 µF
20
–
–
dB
Start-up Time of PMU
VIO up and steady. Time from the REG_ON
rising edge to the CLDO reaching 1.2V.
––
700
µs
LDO Turn-on Time
LDO turn-on time when rest of the chip is up –
140
180
µs
External Output Capacitor, Co
Total ESR: 5 mΩ–240 mΩ
1.32a
a. Minimum capacitor value refers to the residual capacitor value after taking into account the part–to–part
tolerance, DC–bias, temperature, and aging.
4.7
–
µF
External Input Capacitor
Only use an external input capacitor at the
VDD_LDO pin if it is not supplied from
CBUCK output.
–1
2.2
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com