Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 166 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 166 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 162Page - Cypress Semiconductor BCM4354 Datasheet HTML 163Page - Cypress Semiconductor BCM4354 Datasheet HTML 164Page - Cypress Semiconductor BCM4354 Datasheet HTML 165Page - Cypress Semiconductor BCM4354 Datasheet HTML 166Page - Cypress Semiconductor BCM4354 Datasheet HTML 167Page - Cypress Semiconductor BCM4354 Datasheet HTML 168Page - Cypress Semiconductor BCM4354 Datasheet HTML 169Page - Cypress Semiconductor BCM4354 Datasheet HTML 170Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 192 page
background image
WLAN Current Consumption
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 165
MCS9, Nss 1, SGIf,g,j
40
5
295
60
MCS9, Nss 2, SGIf,g,j
40
5
590
60
MCS9, Nss 1, SGIf,g,j
80
5
305
60
MCS9, Nss 2, SGIf,g,j
80
5
610
60
Receive
1 Mbps, 1 RX core
20
2.4
59
60
1 Mbps, 2 RX cores
20
2.4
75
60
MCS7, HT20 1 RX corek
20
2.4
62
60
MCS7, HT20 2 RX coresk
20
2.4
81
60
MCS15, HT20k
20
2.4
86
60
CRS 1 RX corel
20
2.4
57
60
CRS 2 RX coresl
20
2.4
76
60
Receive MCS7, SGI 1 RX corek
20
5
71
60
Receive MCS7, SGI 2 RX coresk
20
5
102
60
Receiver MCS15, SGIk
20
5
106
60
CRS 1 RX corel
20
5
67
60
CRS 2 RX coresl
20
5
96
60
Receive MCS 7, SGI 1 RX corek
40
5
91
60
Receive MCS 7, SGI 2 RX coresk
40
5
135
60
Receive MCS 15, SGIk
40
5
141
60
CRS 1 RX corel
40
5
80
60
CRS 2 RX coresl
40
5
121
60
Receive MCS9, Nss 1, SGIk
80
5
123
60
Receive MCS9, Nss 1, SGI 2 RX coresk
80
5
189
60
Receive MCS9, Nss 2, SGIk
80
5
206
60
CRS 1 RX corel
80
5
102
60
CRS 2 RX coresl
80
5
163
60
a.
Specified with all pins idle (not switching) and not driving any loads.
b.
WL_REG_ON, BT_REG_ON low, no VDDIO.
c.
Idle, not associated, or inter-beacon.
d.
Beacon Interval = 102.4 ms. Beacon duration = 1 ms @1 Mbps. Average current over 3 DTIM intervals.
e.
Output power per core at RF port = 21 dBm
f.
Duty cycle is 100%
g.
Measured using packet engine test mode.
h.
Output power per core at RF port = 17 dBm.
i.
Output power per core at RF port = 17.5 dBm.
j.
Output power per core at RF port = 14 dBm.
k.
Duty cycle is 100%. Carrier sense (CS) detect/packet receive.
l.
Carrier sense (CCA) when no carrier present.
Table 49: Typical WLAN Power Consumption (Cont.)
Mode
Bandwidth
(MHz)
Band
(GHz)
Vbat = 3.6V)
mA
Vio = 1.8V
uAa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com