Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 167 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 167 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 163Page - Cypress Semiconductor BCM4354 Datasheet HTML 164Page - Cypress Semiconductor BCM4354 Datasheet HTML 165Page - Cypress Semiconductor BCM4354 Datasheet HTML 166Page - Cypress Semiconductor BCM4354 Datasheet HTML 167Page - Cypress Semiconductor BCM4354 Datasheet HTML 168Page - Cypress Semiconductor BCM4354 Datasheet HTML 169Page - Cypress Semiconductor BCM4354 Datasheet HTML 170Page - Cypress Semiconductor BCM4354 Datasheet HTML 171Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 192 page
background image
Bluetooth and FM Current Consumption
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 166
Bluetooth and FM Current Consumption
The Bluetooth, BLE, and FM current consumption measurements are shown in Table 50.
Note:
• The WLAN core is in reset (WLAN_REG_ON = low) for all measurements provided in Table 50.
• For FM measurements, the Bluetooth core is in Sleep mode.
• The BT current consumption numbers are measured based on GFSK TX output power = 10 dBm.
Table 50: Bluetooth BLE and FM Current Consumption
Operating Mode
VBAT (VBAT = 3.6V)
Typical
VDDIO (VDDIO = 1.8V) Typical Units
Sleep
13
198
µA
Standard 1.28s Inquiry Scan
0.217
0.197
mA
P and I Scanb
440
194
µA
500 ms Sniff Master
0.168
0.195
mA
500 ms Sniff Slave
0.124
0.190
mA
DM1/DH1 Master
25.3
0.024
mA
DM3/DH3 Master
30.6
0.035
mA
DM5/DH5 Master
31.4
0.037
mA
3DH5 Master
29.2
0.094
mA
SCO HV3 Master
11.45
0.089
mA
HV3 + Sniff + Scana
a. At maximum class 1 TX power, 500 ms sniff, four attempts (slave), P = 1.28s, and I = 2.56s.
11.7
0.090
mA
FMRX I2S Audio
8.0
–
mA
FMRX Analog Audio only
8.6
–
mA
FMRX I2S Audio + RDS
8.0
–
mA
FMRX Analog Audio + RDS
8.6
–
mA
BLE Scanb
b. No devices present. A 1.28 second interval with a scan window of 11.25 ms.
244
196
µA
BLE Scan 10 ms
21.34
0.013
mA
BLE Adv—Unconnectable 1.00 sec 67
199
µA
BLE Adv—Unconnectable 1.28 sec 55
199
µA
BLE Adv—Unconnectable 2.00 sec 58
199
µA
BLE Connected 7.5 ms
3.95
0.013
mA
BLE Connected 1 sec.
57
198
µA
BLE Connected 1.28 sec.
52
197
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com