Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 171 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 171 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 167Page - Cypress Semiconductor BCM4354 Datasheet HTML 168Page - Cypress Semiconductor BCM4354 Datasheet HTML 169Page - Cypress Semiconductor BCM4354 Datasheet HTML 170Page - Cypress Semiconductor BCM4354 Datasheet HTML 171Page - Cypress Semiconductor BCM4354 Datasheet HTML 172Page - Cypress Semiconductor BCM4354 Datasheet HTML 173Page - Cypress Semiconductor BCM4354 Datasheet HTML 174Page - Cypress Semiconductor BCM4354 Datasheet HTML 175Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 192 page
background image
SDIO Timing
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 170
SDIO Bus Timing Specifications in SDR Modes
Clock Timing
Figure 39: SDIO Clock Timing (SDR Modes)
Table 53: SDIO Bus Clock Timing Parameters (SDR Modes)
Parameter
Symbol
Minimum
Maximum
Unit
Comments
–tCLK
40
–
ns
SDR12 mode
20
–
ns
SDR25 mode
10
–
ns
SDR50 mode
4.8
–
ns
SDR104 mode
–tCR, tCF
–0.2 × tCLK
ns
tCR, tCF < 2.00 ns (max.) @100 MHz,
CCARD = 10 pF
tCR, tCF < 0.96 ns (max.) @208 MHz,
CCARD = 10 pF
Clock duty
–
3070%
–
tCLK
tCR
SDIO_CLK
tCF
tCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com