Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 174 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 174 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 170Page - Cypress Semiconductor BCM4354 Datasheet HTML 171Page - Cypress Semiconductor BCM4354 Datasheet HTML 172Page - Cypress Semiconductor BCM4354 Datasheet HTML 173Page - Cypress Semiconductor BCM4354 Datasheet HTML 174Page - Cypress Semiconductor BCM4354 Datasheet HTML 175Page - Cypress Semiconductor BCM4354 Datasheet HTML 176Page - Cypress Semiconductor BCM4354 Datasheet HTML 177Page - Cypress Semiconductor BCM4354 Datasheet HTML 178Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 192 page
background image
SDIO Timing
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 173
• ∆tOP = +1550 ps for junction temperature of ∆tOP = 90 degrees during operation
• ∆tOP = –350 ps for junction temperature of ∆tOP = –20 degrees during operation
• ∆tOP = +2600 ps for junction temperature of ∆tOP = –20 to +125 degrees during operation
Figure 43: ∆tOP Consideration for Variable Data Window (SDR 104 Mode)
Table 56: SDIO Bus Output Timing Parameters (SDR Modes 100 MHz to 208 MHz)
Symbol
Minimum
Maximum
Unit
Comments
tOP
0
2
UI
Card output phase
∆tOP
–350
+1550
ps
Delay variation due to temp change after tuning
tODW
0.60
–
UI
tODW=2.88 ns @208 MHz
tOP =
1550 ps
Sampling point after tuning
tOP =
–350 ps
Data valid window
Data valid window
Data valid window
Sampling point after card junction heating
by +90°C from tuning temperature
Sampling point after card junction cooling
by –20°C from tuning temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com