Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 176 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 176 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 172Page - Cypress Semiconductor BCM4354 Datasheet HTML 173Page - Cypress Semiconductor BCM4354 Datasheet HTML 174Page - Cypress Semiconductor BCM4354 Datasheet HTML 175Page - Cypress Semiconductor BCM4354 Datasheet HTML 176Page - Cypress Semiconductor BCM4354 Datasheet HTML 177Page - Cypress Semiconductor BCM4354 Datasheet HTML 178Page - Cypress Semiconductor BCM4354 Datasheet HTML 179Page - Cypress Semiconductor BCM4354 Datasheet HTML 180Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 192 page
background image
SDIO Timing
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 175
Data Timing, DDR50 Mode
Figure 45: SDIO Data Timing (DDR50 Mode)
Table 58: SDIO Bus Timing Parameters (DDR50 Mode)
Parameter
Symbol
Minimum
Maximum
Unit
Comments
Input CMD
Input setup time
tISU
6–ns
CCARD < 10 pF (1 Card)
Input hold time
tIH
0.8
–
ns
CCARD < 10 pF (1 Card)
Output CMD
Output delay time
tODLY
–13.7
ns
CCARD < 30 pF (1 Card)
Output hold time
tOH
1.5
–
ns
CCARD < 15 pF (1 Card)
Input DAT
Input setup time
tISU2x
3–ns
CCARD < 10 pF (1 Card)
Input hold time
tIH2x
0.8
–
ns
CCARD < 10 pF (1 Card)
Output DAT
Output delay time
tODLY2x
–7.5
ns
CCARD < 25 pF (1 Card)
Output hold time
tODLY2x
1.5
–
ns
CCARD < 15 pF (1 Card)
tISU2x
SDIO_CLK
DAT[3:0]
input
FPP
tIH2x
tISU2x
tIH2x
Invalid
Invalid
Invalid
Invalid
Data
Data
Data
Data
Data
Data
tODLY2x
(min)
tODLY2x
(min)
tODLY2x (max)
tODLY2x (max)
DAT[3:0]
output
In DDR50 mode, DAT[3:0] lines are sampled on both edges of
the clock (not applicable for CMD line)
Available timing
window for card
output transition
Available timing
window for host to
sample data from card



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com