Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 178 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 178 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 174Page - Cypress Semiconductor BCM4354 Datasheet HTML 175Page - Cypress Semiconductor BCM4354 Datasheet HTML 176Page - Cypress Semiconductor BCM4354 Datasheet HTML 177Page - Cypress Semiconductor BCM4354 Datasheet HTML 178Page - Cypress Semiconductor BCM4354 Datasheet HTML 179Page - Cypress Semiconductor BCM4354 Datasheet HTML 180Page - Cypress Semiconductor BCM4354 Datasheet HTML 181Page - Cypress Semiconductor BCM4354 Datasheet HTML 182Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 192 page
background image
PCI Express Interface Parameters
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 177
PCI Express Interface Parameters
Table 60: PCI Express Interface Parameters
Parameter
Symbol
Comments
Minimum
Typical Maximum Unit
General
Baud rate
BPS
–
–
5
–
Gbaud
Reference clock
amplitude
Vref
LVPECL
1
–
–
V
Receiver
Differential termination ZRX-DIFF-DC
Differential termination 80
100
120
Ω
DC impedance
ZRX-DC
DC common-mode
impedance
40
50
60
Ω
Powered down
termination (POS)
ZRX-HIGH-IMP-DC-
POS
Power-down or RESET
high impedance
100k
–
–
Ω
Powered down
termination (NEG)
ZRX-HIGH-IMP-DC-
NEG
Power-down or RESET
high impedance
1k
–
–
Ω
Input voltage
VRX-DIFFp-p
AC coupled, differential
p-p
175
–
–
mV
Jitter tolerance
TRX-EYE
Minimum receiver eye
width
0.4
–
–
UI
Differential return loss RLRX-DIFF
Differential return loss
10
–
–
dB
Common-mode return
loss
RLRX-CM
Common-mode return
loss
6–
–
dB
Unexpected electrical
idle enter detect
threshold integration
time
TRX-IDEL-DET-
DIFF-ENTERTIME
An unexpected
electrical idle must be
recognized no longer
than this time to signal
an unexpected idle
condition.
––
10
ms
Signal detect threshold VRX-IDLE-DET-
DIFFp-p
Electrical idle detect
threshold
65
–
175
mV
Transmitter
Output voltage
VTX-DIFFp-p
Differential p-p,
programmable in 16
steps
0.8
–
1200
mV
Output voltage rise
time
VTX-RISE
20% to 80%
0.125
(2.5 GT/s)
0.15
(5 GT/s)
––
UI
Output voltage fall time VTX-FALL
80% to 20%
0.125
(2.5 GT/s)
0.15
(5 GT/s)
––
UI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com