Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 165 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 165 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 161Page - Cypress Semiconductor BCM4354 Datasheet HTML 162Page - Cypress Semiconductor BCM4354 Datasheet HTML 163Page - Cypress Semiconductor BCM4354 Datasheet HTML 164Page - Cypress Semiconductor BCM4354 Datasheet HTML 165Page - Cypress Semiconductor BCM4354 Datasheet HTML 166Page - Cypress Semiconductor BCM4354 Datasheet HTML 167Page - Cypress Semiconductor BCM4354 Datasheet HTML 168Page - Cypress Semiconductor BCM4354 Datasheet HTML 169Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 192 page
background image
System Power Consumption
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 164
Section 19: System Power Consumption
WLAN Current Consumption
The WLAN current consumption measurements are shown in Table 49.
All values in Table 49 are with the Bluetooth core in reset (that is, Bluetooth and FM are OFF).
.
Note: Values in this data sheet are design goals and are subject to change based on the results of
device characterization.
Unless otherwise stated, these values apply for the conditions specified in Table 32: “Recommended
Operating Conditions and DC Characteristics,” on page 127.
Table 49: Typical WLAN Power Consumption
Mode
Bandwidth
(MHz)
Band
(GHz)
Vbat = 3.6V)
mA
Vio = 1.8V
uAa
Sleep Modes
OFFb
–
–
0.003
5.5
Sleepc
–
–
0.005
260
IEEE power save, DTIM 1 1 RX cored
20
2.4
1.2
260
IEEE power save, DTIM 3 1 RX cored
20
2.4
0.4
260
IEEE power save, DTIM 1 1 RX cored
20
5
1.2
260
IEEE power save, DTIM 3 1 RX cored
20
5
0.4
260
IEEE power save, DTIM 1 1 RX cored
40
5
1.5
260
IEEE power save, DTIM 3 1 RX cored
40
5
0.5
260
IEEE power save, DTIM 1 1 RX cored
80
5
2.0
260
IEEE power save, DTIM 3 1 RX cored
80
5
0.7
260
Active Modes
Transmit
CCK 1 chaine
20
2.4
350
60
MCS8, Nss 1, HT20, SGIf,g,h
20
2.4
270
60
TMCS8, Nss 2, HT20, SGIf,g,h
20
2.4
540
60
MCS7, SGIf, g,i
20
5
310
60
MCS15, SGIf, g,i
20
5
620
60
MCS7f,g,i
40
5
315
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com