Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 162 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 162 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 158Page - Cypress Semiconductor BCM4354 Datasheet HTML 159Page - Cypress Semiconductor BCM4354 Datasheet HTML 160Page - Cypress Semiconductor BCM4354 Datasheet HTML 161Page - Cypress Semiconductor BCM4354 Datasheet HTML 162Page - Cypress Semiconductor BCM4354 Datasheet HTML 163Page - Cypress Semiconductor BCM4354 Datasheet HTML 164Page - Cypress Semiconductor BCM4354 Datasheet HTML 165Page - Cypress Semiconductor BCM4354 Datasheet HTML 166Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 192 page
background image
2.5V LDO (BTLDO2P5)
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 161
2.5V LDO (BTLDO2P5)
Table 46: BTLDO2P5 Specifications
Specification
Notes
Min.
Typ.
Max.
Units
Input supply voltage
Min. = 2.5V + 0.2V = 2.7V.
Dropout voltage requirement must be
met under maximum load for
performance specifications.
3.0
3.6
5.25a
a. The maximum continuous voltage is 5.25V. Voltages up to 6.0V for up to 10 seconds, cumulative duration, over
the lifetime of the device are allowed. Voltages as high as 5.5V for up to 250 seconds, cumulative duration, over
the lifetime of the device are allowed.
V
Nominal output voltage
Default = 2.5V.
–
2.5
–
V
Output voltage programmability
Range
2.2
2.5
2.8
V
Accuracy at any step (including line/
load regulation), load > 0.1 mA.
–5
–5%
Dropout voltage
At maximum load.
–
–
200
mV
Output current
–
0.1
–
70
mA
Quiescent current
No load.
–
8
16
µA
Maximum load at 70 mA.
–
660
700
µA
Leakage current
Power-down mode.
–
1.5
5
µA
Line regulation
Vin from (Vo + 0.2V) to 4.8V,
maximum load.
––3.5
mV/V
Load regulation
Load from 1 mA to 70 mA,
Vin = 3.6V.
––0.3
mV/mA
PSRR
Vin ≥ Vo + 0.2V, Vo = 2.5V, Co = 2.2 µF,
maximum load, 100 Hz to 100 kHz.
20
––dB
LDO turn-on time
Chip already powered up.
–
–
150
µs
In-rush current
Vin = Vo + 0.15V to 4.8V, Co = 2.2 µF,
No load.
–
–
250
mA
External output capacitor, Co
Ceramic, X5R, 0402,
(ESR: 5–240 mΩ), ±10%, 10V
0.7b
b. The minimum value refers to the residual capacitor value after taking into account part–to–part tolerance, DC–
bias, temperature, and aging.
2.2
2.64
µF
External input capacitor
For SR_VDDBATA5V pin (shared with
Bandgap) ceramic, X5R, 0402,
(ESR: 30–200 mΩ), ±10%, 10V.
Not needed if sharing VBAT 4.7 µF
capacitor with SR_VDDBATP5V.
–4.7
–
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com