Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 160 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 160 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 156Page - Cypress Semiconductor BCM4354 Datasheet HTML 157Page - Cypress Semiconductor BCM4354 Datasheet HTML 158Page - Cypress Semiconductor BCM4354 Datasheet HTML 159Page - Cypress Semiconductor BCM4354 Datasheet HTML 160Page - Cypress Semiconductor BCM4354 Datasheet HTML 161Page - Cypress Semiconductor BCM4354 Datasheet HTML 162Page - Cypress Semiconductor BCM4354 Datasheet HTML 163Page - Cypress Semiconductor BCM4354 Datasheet HTML 164Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 192 page
background image
3.3V LDO (LDO3P3)
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 159
3.3V LDO (LDO3P3)
Input supply voltage ramp-up
time
0 to 4.3V
40
–
–
µs
a. The maximum continuous voltage is 5.25V. Voltages up to 6.0V for up to 10 seconds, cumulative duration, over
the lifetime of the device are allowed. Voltages as high as 5.5V for up to 250 seconds, cumulative duration, over
the lifetime of the device are allowed.
b. Minimum capacitor value refers to the residual capacitor value after taking into account the part–to–part
tolerance, DC–bias, temperature, and aging.
c. Total capacitance includes those connected at the far end of the active load.
Table 44: LDO3P3 Specifications
Specification
Notes
Min.
Typ.
Max.
Units
Input supply voltage, Vin
Min. = Vo + 0.2V = 3.5V dropout voltage
requirement must be met under maximum
load for performance specifications.
2.3
3.6
5.25a
a. The maximum continuous voltage is 5.25V. Voltages up to 6.0V for up to 10 seconds, cumulative duration, over
the lifetime of the device are allowed. Voltages as high as 5.5V for up to 250 seconds, cumulative duration, over
the lifetime of the device are allowed.
V
Output current
–
0.2
–
600
mA
Nominal output voltage, Vo
Default = 3.3V
–
3.3
–
V
Dropout voltage
At max. load.
–
–
200
mV
Output voltage DC accuracy
Includes line/load regulation.
–5
–
+5
%
Quiescent current
No load
–
100
120
µA
Maximum load (600 mA)
–
5.8
6
mA
Leakage current
Power-Down mode,
junction temperature = 85°C
–1.5
5
µA
Line regulation
Vin from (Vo + 0.2V) to 4.8V, max. load
–
–
3.5
mV/V
Load regulation
load from 1 mA to 450 mA
–
–
0.25
mV/mA
PSRR
Vin ≥ Vo + 0.2V,
Vo = 3.3V, Co = 4.7 µF,
Max. load, 100 Hz to 100 kHz
20
––dB
LDO turn-on time
Chip already powered up.
–
160
250
µs
External output capacitor, Co
Ceramic, X5R, 0402,
(ESR: 5 mΩ–240 mΩ), ± 10%, 10V
1.0b
b. Minimum capacitor value refers to the residual capacitor value after taking into account the part-to-part
tolerance, DC-bias, temperature, and aging.
4.7
–
µF
External input capacitor
For SR_VDDBATA5V pin (shared with
Bandgap) Ceramic, X5R, 0402,
(ESR: 30m-200 mΩ), ± 10%, 10V.
Not needed if sharing VBAT capacitor 4.7 µF
with SR_VDDBATP5V.
–4.7
–
µF
Table 43: Core Buck Switching Regulator (CBUCK) Specifications (Cont.)
Specification
Notes
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com