Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 157 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 157 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 153Page - Cypress Semiconductor BCM4354 Datasheet HTML 154Page - Cypress Semiconductor BCM4354 Datasheet HTML 155Page - Cypress Semiconductor BCM4354 Datasheet HTML 156Page - Cypress Semiconductor BCM4354 Datasheet HTML 157Page - Cypress Semiconductor BCM4354 Datasheet HTML 158Page - Cypress Semiconductor BCM4354 Datasheet HTML 159Page - Cypress Semiconductor BCM4354 Datasheet HTML 160Page - Cypress Semiconductor BCM4354 Datasheet HTML 161Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 192 page
background image
WLAN 5 GHz Transmitter Performance Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 156
WLAN 5 GHz Transmitter Performance Specifications
Note: The values in Table 42 are specified at the RF port unless otherwise noted.
Table 42: WLAN 5 GHz Transmitter Performance Specifications
Parameter
Condition/Notes
Min.
Typ.
Max.
Unit
Frequency range
–
4900
–
5845
MHz
Transmitted power in
cellular and FM bands (at
18 dBm)a
76-108 MHz
FMRX
–
–162
–
dBm/Hz
776-794 MHz
–
–
–168
–
dBm/Hz
869-960 MHz
cdmaOne,
GSM850
–
–167
–
dBm/Hz
1570-1580 MHz
GPS
–
–170
–
dBm/Hz
1592-1610 MHz
GLONASS
–
–162
–
dBm/Hz
1805-1880 MHz
GSM1800
–
–169
–
dBm/Hz
1850-1910 MHz
GSM1900
–
–169
–
dBm/Hz
1910-1930 MHz
Band 37
–
–168
–
dBm/Hz
1930-1990 MHz
GSM1900,
cdmaOne,
WCDMA
–
–168
–
dBm/Hz
2010-2075 MHz
TDSCDMA
–
–168
–
dBm/Hz
2110-2170 MHz
WCDMA
–
–160
–
dBm/Hz
2300-2370 MHz
Band 40
–
–166
–
dBm/Hz
2370-2400 MHz
Band 40
–
–162
–
dBm/Hz
2496-2530 MHz
Band 41
–
–165
–
dBm/Hz
2530-2560 MHz
Band 41
–
–165
–
dBm/Hz
2570-2690 MHz
Band 41
–
–158
–
dBm/Hz
Harmonic level
(at 17 dBm)
9.8-11.570 GHz
2nd harmonic
–
–30
–
dBm/MHz
General spurs
1-18 GHz
–
–
–
–57
dBm/MHz
TX power at RF port for
highest power level setting
at 25°C with spectral mask
and EVM complianceb
OFDM, QPSK
–13 dB
17.5
18.5
–
dBm
OFDM, 16-QAM
–19 dB
16
17.5
–
dBm
OFDM, 64-QAM
–
–
–
–
(R = 3/4)
–25 dB
15
16.5
–
dBm
OFDM, 64-QAM
–
–
–
–
(R = 5/6)
–28 dB
14
15.5
–
dBm
OFDM, 256-QAM
(R = 3/4, VHT)
–30 dB
13
14.5
–
dBm
OFDM, 256-QAM
(R = 5/6, VHT)
–32 dB
11
12.5
–
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com