Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 155 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 155 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 151Page - Cypress Semiconductor BCM4354 Datasheet HTML 152Page - Cypress Semiconductor BCM4354 Datasheet HTML 153Page - Cypress Semiconductor BCM4354 Datasheet HTML 154Page - Cypress Semiconductor BCM4354 Datasheet HTML 155Page - Cypress Semiconductor BCM4354 Datasheet HTML 156Page - Cypress Semiconductor BCM4354 Datasheet HTML 157Page - Cypress Semiconductor BCM4354 Datasheet HTML 158Page - Cypress Semiconductor BCM4354 Datasheet HTML 159Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 192 page
background image
WLAN 5 GHz Receiver Performance Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 154
Alternate adjacent channel
rejection
Blocking level for 3 dB RX
sensitivity degradationc
(without external filtering)
776–794 MHz
CDMA2000
–21
–
–
dBm
824–849 MHzd
cdmaOne
–20
–
–
dBm
824–849 MHzd
GSM850
–12
–
–
dBm
880–915 MHz
E-GSM
–12
–
–
dBm
1710–1785 MHz
GSM1800
–15
–
–
dBm
1850–1910 MHz
GSM1800
–15
–
–
dBm
1850–1910 MHz
cdmaOne
–20
–
–
dBm
1850–1910 MHz
WCDMA
–21
–
–
dBm
1920–1980 MHz
WCDMA
–21
–
–
dBm
2500–2570 MHz
Band 7
–21
–
–
dBm
2300–2400 MHz
Band 40
–21
–
–
dBm
2570–2620 MHz
Band 38
–21
–
–
dBm
2545–2575 MHz
XGP Band
–21
–
–
dBm
Input In-Band IP3
Maximum LNA gain
–
–15.5
–
dBm
Minimum LNA gain
–
–1.5
–
dBm
Maximum receive level
@ 5.24 GHz
@ 6, 9, 12 Mbps
–9.5
–
–
dBm
@ 18, 24, 36, 48, 54 Mbps
–14.5
–
–
dBm
LPF 3 dB bandwidth
–
9
–
36
MHz
Adjacent channel rejection
(Difference between
interfering and desired
signal (20 MHz apart) at
10% PER for 1000 octet
PSDU with desired signal
level as specified in
Condition/Notes)
6 Mbps OFDM
–79 dBm
16
–
–
dB
9 Mbps OFDM
–78 dBm
15
–
–
dB
12 Mbps OFDM
–76 dBm
13
–
–
dB
18 Mbps OFDM
–74 dBm
11
–
–
dB
24 Mbps OFDM
–71 dBm
8
–
–
dB
36 Mbps OFDM
–67 dBm
4
–
–
dB
48 Mbps OFDM
–63 dBm
0
–
–
dB
54 Mbps OFDM
–62 dBm
–1
–
–
dB
65 Mbps OFDM
–61 dBm
–2
–
–
dB
(Difference between
interfering and desired
signal (40 MHz apart) at
10% PER for 1000e octet
PSDU with desired signal
level as specified in
Condition/Notes)
6 Mbps OFDM
–78.5 dBm
32
–
–
dB
9 Mbps OFDM
–77.5 dBm
31
–
–
dB
12 Mbps OFDM
–75.5 dBm
29
–
–
dB
18 Mbps OFDM
–73.5 dBm
27
–
–
dB
24 Mbps OFDM
–70.5 dBm
24
–
–
dB
36 Mbps OFDM
–66.5 dBm
20
–
–
dB
48 Mbps OFDM
–62.5 dBm
16
–
–
dB
54 Mbps OFDM
–61.5 dBm
15
–
–
dB
65 Mbps OFDM
–60.5 dBm
14
–
–
dB
Maximum receiver gain
–
–
95
–
dB
Gain control step
–
–
3
–
dB
Table 41: WLAN 5 GHz Receiver Performance Specifications (Cont.)
Parameter
Condition/Notes
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com