Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 25Page - National Semiconductor (TI) GXM Datasheet HTML 26Page - National Semiconductor (TI) GXM Datasheet HTML 27Page - National Semiconductor (TI) GXM Datasheet HTML 28Page - National Semiconductor (TI) GXM Datasheet HTML 29Page - National Semiconductor (TI) GXM Datasheet HTML 30Page - National Semiconductor (TI) GXM Datasheet HTML 31Page - National Semiconductor (TI) GXM Datasheet HTML 32Page - National Semiconductor (TI) GXM Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 244 page
background image
Revision 3.1
29
www.national.com
Signal Definitions (Continued)
GNT[2:0]#
E1,
F2,
D1
H2,
K4,
F2
O
Grant Lines
Grant indicates to the requesting master that it has been granted
access to the bus. Each master has its own GNT# line. GNT#
can be pulled away at any time a higher REQ# is received or if
the master does not begin a cycle within a minimum period of
time (16 SYSCLKs).
2.2.2
PCI Interface Signals (Continued)
Signal Name
BGA
Pin No.
SPGA
Pin No
Type
Description
2.2.3
Memory Controller Interface Signals
Signal Name
BGA
Pin No.
SPGA
Pin No.
Type
Description
Note:
The memory controller interface supports two types of memory configurations: SDRAM modules on the sys-
tem board and JEDEC DIMM connectors. Refer to Section 4.3 “Memory Controller” on page 103 for detailed
information regarding signal connections.
MD[63:0]
Refer
to Table
2-3
Refer
to Table
2-5
I/O
Memory Data Bus
The data bus lines driven to/from system memory.
MA[12:0]
Refer
to Table
2-3
Refer
to Table
2-5
O
Memory Address Bus
The multiplexed row/column address lines driven to the system
memory.
Supports 256 Mbit SDRAM.
BA[1:0]
AD26,
AD25
AJ33,
AK36
O
Bank Address Bits
These bits are used to select the component bank within the
SDRAM.
CS[3:0]#
AE23,
V25,
AD23,
V26
AK32,
Z34,
AN33,
AA35
O
Chip Selects
The chip selects are used to select the module bank within the
system memory. Each chip select corresponds to a specific mod-
ule bank.
If CS# is high, the bank(s) do not respond to RAS#, CAS#, WE#
until the bank is selected again.
RASA#,
RASB#
W24,
W25
AB36,
AB34
O
Row Address Strobe
RAS#, CAS#, WE# and CKE are encoded to support the differ-
ent SDRAM commands. RASA# is used with CS[1:0]#. RASB#
is used with CS[3:2]#.
CASA#,
CASB#
P25,
R26
W37,
X36
O
Column Address Strobe
RAS#, CAS#, WE# and CKE are encoded to support the differ-
ent SDRAM commands. CASA# is used with CS[1:0]#. CASB#
is used with CS[3:2]#.
WEA#,
WEB#
R25,
R24
W33,
W35
O
Write Enable
RAS#, CAS#, WE# and CKE are encoded to support the differ-
ent SDRAM commands. WEA# is used with CS[1:0]#. WEB# is
used with CS[3:2]#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com