Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 5Page - National Semiconductor (TI) GXM Datasheet HTML 6Page - National Semiconductor (TI) GXM Datasheet HTML 7Page - National Semiconductor (TI) GXM Datasheet HTML 8Page - National Semiconductor (TI) GXM Datasheet HTML 9Page - National Semiconductor (TI) GXM Datasheet HTML 10Page - National Semiconductor (TI) GXM Datasheet HTML 11Page - National Semiconductor (TI) GXM Datasheet HTML 12Page - National Semiconductor (TI) GXM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 244 page
background image
Revision 3.1
9
www.national.com
Architecture Overview (Continued)
1.2
FLOATING POINT UNIT
The FPU (Floating Point Unit) interfaces to the integer unit
and the cache unit through a 64-bit bus. The FPU is x87-
instruction-set compatible and adheres to the IEEE-754
standard. Because almost all applications that contain
FPU instructions also contain integer instructions, the
GXm processor’s FPU achieves high performance by
completing integer and FPU operations in parallel.
FPU instructions are dispatched to the pipeline within the
integer unit. The address calculation stage of the pipeline
checks
for
memory
management
exceptions
and
accesses memory operands for use by the FPU. Once the
instructions and operands have been provided to the FPU,
the FPU completes instruction execution independently of
the integer unit.
1.3
WRITE-BACK CACHE UNIT
The 16 KB write-back unified cache is a data/instruction
cache and is configured as four-way set associative. The
cache stores up to 16 KB of code and data in 1024 cache
lines.
The GXm processor provides the ability to allocate a por-
tion of the L1 cache as a scratchpad, which is used to
accelerate the Virtual Systems Architecture algorithms as
well as for some graphics operations.
1.4
MEMORY MANAGEMENT UNIT
The memory management unit (MMU) translates the lin-
ear address supplied by the integer unit into a physical
address to be used by the cache unit and the internal bus
interface unit. Memory management procedures are x86-
compatible, adhering to standard paging mechanisms.
The MMU also contains a load/store unit that is responsi-
ble for scheduling cache and external memory accesses.
The
load/store
unit
incorporates
two
performance-
enhancing features:
• Load-store reordering that gives priority to memory
reads required by the integer unit over writes to
external memory.
• Memory-read bypassing that eliminates unnecessary
memory reads by using valid data from the execution
unit.
1.4.1
Internal Bus Interface Unit
The internal bus interface unit provides a bridge from the
GXm processor to the integrated system functions (i.e.,
memory subsystem, display controller, graphics pipeline)
and the PCI bus interface.
When external memory access is required, the physical
address is calculated by the memory management unit
and then passed to the internal bus interface unit, which
translates the cycle to an X-Bus cycle (the X-Bus is a
National Semiconductor proprietary internal bus which
provides a common interface for all of the system mod-
ules). The X-Bus memory cycle now is arbitrated between
other pending X-Bus memory requests to the SDRAM
controller before completing.
In addition, the internal bus interface unit provides config-
uration control for up to 20 different regions within system
memory with separate controls for read access, write
access, cacheability, and PCI access.
1.5
INTEGRATED FUNCTIONS
The GXm processor integrates the following functions tra-
ditionally implemented using external devices:
• High-performance 2D graphics accelerator
• Separate CRT and TFT data paths from the display
controller
• SDRAM memory controller
• PCI bridge
The processor has also been enhanced to support
National Semiconductor’s proprietary Virtual System
Architecture (VSA) implementation.
The GXm processor implements a Unified Memory Archi-
tecture (UMA). By using National Semiconductor’s Dis-
play Compression Technology (DCT), the performance
degradation inherent in traditional UMA systems is elimi-
nated.
1.5.1
Graphics Accelerator
The graphics accelerator is a full-featured GUI (Graphical
User Interface) accelerator. The graphics pipeline imple-
ments a bitBLT engine for frame buffer bitBLTs and rect-
angular fills. Additional instructions in the integer unit may
be processed, as the bitBLT engine assists the CPU in the
bitBLT operations that take place between system mem-
ory and the frame buffer. This combination of hardware
and software is used by the display driver to provide very
fast transfers in both directions between system memory
and the frame buffer. The bitBLT engine also draws ran-
domly-oriented vectors, and scanlines for polygon fill. All
of the pipeline operations described in the following list
can be applied to any bitBLT operation.
• Pattern Memory. Render with 8x8 dither, 8x8 mono-
chrome, or 8x1 color pattern.
• Color Expansion. Expand monochrome bitmaps to
full-depth 8- or 16-bit colors.
• Transparency. Suppresses drawing of background
pixels for transparent text.
• Raster Operations. Boolean operation combines
source, destination, and pattern bitmaps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com