Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 50Page - National Semiconductor (TI) GXM Datasheet HTML 51Page - National Semiconductor (TI) GXM Datasheet HTML 52Page - National Semiconductor (TI) GXM Datasheet HTML 53Page - National Semiconductor (TI) GXM Datasheet HTML 54Page - National Semiconductor (TI) GXM Datasheet HTML 55Page - National Semiconductor (TI) GXM Datasheet HTML 56Page - National Semiconductor (TI) GXM Datasheet HTML 57Page - National Semiconductor (TI) GXM Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 244 page
background image
www.national.com
54
Revision 3.1
Processor Programming (Continued)
3.3.2.4
Test Registers
The five test registers are used in testing the processor’s
Translation Lookaside Buffer (TLB) and on-chip cache. TR6
and TR7 are used for TLB testing, and TR3-TR5 are used
for cache testing. Table 3-14 is a register map for the Test
Registers with their bit definitions given in Tables 3-15 and
3-17.
TLB Test Registers
The processor’s TLB is a 32-entry, four-way set associa-
tive memory. Each TLB entry consists of a 24-bit tag and
20-bit data. The 24-bit tag represents the high-order 20
bits of the linear address, a valid bit, and three attribute
bits. The 20-bit data portion represents the upper 20 bits
of the physical address that corresponds to the linear
address.
The TLB Test Data Register (TR7) contains the upper 20
bits of the physical address (TLB data field), three LRU
bits and a control bit. During TLB write operations, the
physical address in TR7 is written into the TLB entry
selected by the contents of TR6. During TLB lookup oper-
ations, the TLB data selected by the contents of TR6 is
loaded into TR7. Table 3-15 lists the bit definitions for TR7
and TR6.
The TLB Test Control Register (TR6) contains a com-
mand bit, the upper 20 bits of a linear address, a valid bit
and the attribute bits used in the test operation. The con-
tents of TR6 are used to create the 24-bit TLB tag during
both write and read (TLB lookup) test operations. The
command bit defines whether the test operation is a read
or a write.
Table 3-14. TLB Test Registers
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8765
43210
TR7 Register
TLB Test Data Register (R/W)
Physical Address
0
0
TLB LRU
0
0
PL
REP
0
0
TR6 Register
TLB Test Control Register (R/W)
Linear Address
V
D D# U U# R R#
0000
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com