Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 38Page - National Semiconductor (TI) GXM Datasheet HTML 39Page - National Semiconductor (TI) GXM Datasheet HTML 40Page - National Semiconductor (TI) GXM Datasheet HTML 41Page - National Semiconductor (TI) GXM Datasheet HTML 42Page - National Semiconductor (TI) GXM Datasheet HTML 43Page - National Semiconductor (TI) GXM Datasheet HTML 44Page - National Semiconductor (TI) GXM Datasheet HTML 45Page - National Semiconductor (TI) GXM Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 244 page
background image
www.national.com
42
Revision 3.1
Processor Programming (Continued)
3.3.1.2
Segment Registers
The 16-bit segment registers, part of the main memory
addressing mechanism, are described in Section 3.5 “Off-
set, Segment, and Paging Mechanisms” on page 61. The
six segment registers are:
CS
-
Code Segment
DS
-
Data Segment
SS
-
Stack Segment
ES
-
Extra Segment
FS
-
Additional Data Segment
GS
-
Additional Data Segment
The segment registers are used to select segments in
main memory. A segment acts as private memory for dif-
ferent elements of a program such as code space, data
space, and stack space.
There are two segment mechanisms, one for real and vir-
tual 8086 operating modes and one for protective mode.
Initialization and transition to protective mode is described
in Section 3.13.4 “Initialization and Transition to Protected
Mode” on page 87. The segment mechanisms are
described in Section 3.7 “Descriptors and Segment Mech-
anisms” on page 62.
The active segment register is selected according to the
ruleslistedinTable 3-3and thetypeofinstruction being
currently processed. In general, the DS register selector is
used for data references. Stack references use the SS
register, and instruction fetches use the CS register. While
some of these selections may be overridden, instruction
fetches, stack operations, and the destination write opera-
tion of string operations cannot be overridden. Special
segment-override instruction prefixes allow the use of
alternate segment registers. These segment registers
include the ES, FS, and GS registers.
3.3.1.3
Instruction Pointer Register
The Instruction Pointer (EIP) Register contains the off-
set into the current code segment of the next instruction to
be executed. The register is normally incremented by the
length of the current instruction with each instruction exe-
cution unless it is implicitly modified through an interrupt,
exception, or an instruction that changes the sequential
execution flow (for example JMP and CALL).
Table 3-3 illustrates the code segment selection rules.
Table 3-3. Segment Register Selection Rules
Type of Memory Reference
Implied (Default)
Segment
Segment-Override
Prefix
Code Fetch
CS
None
Destination of PUSH, PUSHF, INT, CALL, PUSHA instructions
SS
None
Source of POP, POPA, POPF, IRET, RET instructions
SS
None
Destination of STOS, MOVS, REP STOS, REP MOVS instructions
ES
None
Other data references with effective address using base registers of:
EAX, EBX, ECX, EDX, ESI, EDI, EBP, ESP
DS
SS
CS,ES, FS,GS, SS
CS, DS, ES, FS, GS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com