Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 91Page - National Semiconductor (TI) GXM Datasheet HTML 92Page - National Semiconductor (TI) GXM Datasheet HTML 93Page - National Semiconductor (TI) GXM Datasheet HTML 94Page - National Semiconductor (TI) GXM Datasheet HTML 95Page - National Semiconductor (TI) GXM Datasheet HTML 96Page - National Semiconductor (TI) GXM Datasheet HTML 97Page - National Semiconductor (TI) GXM Datasheet HTML 98Page - National Semiconductor (TI) GXM Datasheet HTML 99Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 244 page
background image
Revision 3.1
95
www.national.com
Integrated Functions (Continued)
4.1.4
L1 Cache Controller
The GXm processor contains an on-board 16 KB unified
data/instruction L1 cache. It operates in write-back mode.
Since the memory controller is also on-board, the L1
cache requires no external logic to maintain coherency. All
DMA cycles automatically snoop the L1 cache. For
improved graphics performance, part of the L1 cache
operates as a scratchpad RAM to be used by the graphics
pipeline as a BLT Buffer.
The CD bit (Cache Disable, bit 30) in CR0 globally con-
trols the operating mode of the L1 cache. LCD and LWT,
Local Cache Disable and Local Write-through bits in the
Translation Lookaside Buffer, control the mode on a page-
by-page basis. Additionally, memory configuration control
can specify certain memory regions as non-cacheable.
If the cache is disabled, no further cache line fills occur.
However, data already present in the cache continues to
be used. For the cache to be completely disabled, the
cache must be invalidated with a WBINVD instruction
after the cache has been disabled.
Write-back caching improves performance by relieving
congestion on slower external buses. With four dirty bits,
the cache marks dirty locations on a double-word basis.
This further reduces the number of double-word bus write
operations needed during a replacement or flush opera-
tion.
The GXm processor will cache SMM regions. This speeds
up system management overhead to allow for hardware
emulation such as VGA.
The cache of the GXm processor provides the ability to
redefine 2KB, 3KB, or 4KB of the L1 cacheto be
scratchpad memory. The scratchpad area is memory
mapped to the upper memory region defined by the GCR
register (Index B8h). The valid bits for the scratchpad
RAMwillalwaysbetrueand the scratchpadRAM loca-
tions will never be flushed to memory. The scratchpad
RAM serves as a general purpose high speed RAM and
as a BLT buffer for the graphics pipeline. Incrementing
BLT buffer address registers have been added to enable
the graphics pipeline to access this memory as a BLT
buffer. A 16-byte line buffer dedicated to the graphics
pipeline accesses has been added to minimize graphics
interference with normal CPU operation.
Table 4-3 summarizes the registers contained in the L1
cache. These registers do not have default values and
must be initialized before use. Table 4-4 on page 96 gives
the register/bit formats.
Table 4-3. L1 Cache BitBLT Register Summary
Mnemonic Name
Function
L1_BB0_BASE
L1 Cache BitBLT 0 Base Address
Contains the address offset to the first byte of BLT Buffer 0 in the scratch-
pad memory.
L1_BB0_POINTER
L1 Cache BitBLT 0 Pointer
Contains the address offset to the current line of BLT Buffer 0 in the
scratchpad memory.
L1_BB1_BASE
L1 Cache BitBLT 1 Base Address
Contains the offset to the first byte of BLT Buffer 1 in the scratchpad mem-
ory.
L1_BB1_POINTER
L1 Cache BitBLT 1 Pointer
Contains the address offset to the current line of BLT Buffer 1 in the
scratchpad memory.
Note:
For information on accessing these registers, refer to Section 4.1.6 “CPU_READ/CPU_WRITE Instructions”
on page 99.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com