Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 48Page - National Semiconductor (TI) GXM Datasheet HTML 49Page - National Semiconductor (TI) GXM Datasheet HTML 50Page - National Semiconductor (TI) GXM Datasheet HTML 51Page - National Semiconductor (TI) GXM Datasheet HTML 52Page - National Semiconductor (TI) GXM Datasheet HTML 53Page - National Semiconductor (TI) GXM Datasheet HTML 54Page - National Semiconductor (TI) GXM Datasheet HTML 55Page - National Semiconductor (TI) GXM Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 244 page
background image
www.national.com
52
Revision 3.1
Processor Programming (Continued)
3.3.2.3
Debug Registers
Six debug registers (DR0-DR3, DR6 and DR7) support
debugging on the GXm processor. Memory addresses
loaded in the debug registers, referred to as “breakpoints,”
generate a debug exception when a memory access of
thespecifiedtypeoccursto the specifiedaddress.A
breakpoint can be specified for a particular kind of mem-
ory access such as a read or write operation. Code and
data breakpoints can also be set allowing debug excep-
tions to occur whenever a given data access (read or write
operation) or code access (execute) occurs. The size of
the debug target can be set to 1, 2, or 4 bytes. The debug
registers are accessed through MOV instructions that can
be executed only at privilege level 0 (real mode is always
privilege level 0).
The Debug Address Registers (DR0-DR3) each contain
the linear address for one of four possible breakpoints.
Each breakpoint is further specified by bits in the Debug
Control Register (DR7). For each breakpoint address in
DR0-DR3, there are corresponding fields L, R/W, and
LEN in DR7 that specify the type of memory access asso-
ciated with the breakpoint.
The R/W field can be used to specify instruction execution
as well as data access breakpoints. Instruction execution
breakpoints are always taken before execution of the
instruction that matches the breakpoint. The Debug Reg-
isters are mapped in Table 3-12
Table 3-12. Debug Registers
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8765
43210
DR7 Register
Debug Control Register 7 (R/W)
LEN3
R/W3
LEN2
R/W2
LEN1
R/W1
LEN0
R/W0
0
0
G
D
0010
0
G
3
L
3
G
2
L
2
G
1
L
1
G
0
L0
DR6 Register
Debug Status Register 6 (RO)
00000
0000
00000
00
B
T
B
S
01111
1111
1
B3 B2 B1 B0
DR3 Register‘
Debug Address Register 3 (R/W))
Breakpoint 3 Linear Address
DR2 Register
Debug Address Register 2 (R/W)
Breakpoint 2 Linear Address
DR1 Register
Debug Address Register 1 (R/W)
Breakpoint 1 Linear Address
DR0 Register
Debug Address Register 0 (R/W)
Breakpoint 0 Linear Address
Note: All bits marked as 0 or 1 are reserved and should not be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com