Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 82 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 82 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 78Page - National Semiconductor (TI) GXM Datasheet HTML 79Page - National Semiconductor (TI) GXM Datasheet HTML 80Page - National Semiconductor (TI) GXM Datasheet HTML 81Page - National Semiconductor (TI) GXM Datasheet HTML 82Page - National Semiconductor (TI) GXM Datasheet HTML 83Page - National Semiconductor (TI) GXM Datasheet HTML 84Page - National Semiconductor (TI) GXM Datasheet HTML 85Page - National Semiconductor (TI) GXM Datasheet HTML 86Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 244 page
background image
www.national.com
82
Revision 3.1
Processor Programming (Continued)
3.11.6 SMM Instructions
The GXm processor core automatically saves the minimal
amount of CPU state information when entering an SMM
cycle that allows fast SMM service-routine entry and exit.
After entering the SMM service routine, the MOV, SVDC,
SVLDT and SVTS instructions can be used to save the
complete CPU state information. If the SMM service rou-
tine modifies more state information than is automatically
saved or if it forces the CPU to power down, the complete
CPU state information must be saved. Since the CPU is a
static device, its internal state is retained when the input
clock is stopped. Therefore, an entire CPU-state save is
not necessary before stopping the input clock.
The SMM instructions, listed in Table 3-37, can be exe-
cuted only if all the conditions listed below are met.
1)
USE_SMI = 1.
2)
SMAR SIZE > 0.
3)
Current Privilege level = 0.
4)
SMAC bit is high or the CPU is in an SMI service
routine.
If any one of the conditions above is not met and an
attempt is made to execute an SVDC, RSDC, SVLDT,
RSLDT, SVTS, RSTS, or RSM instruction, an invalid
opcode exception is generated. The SMM instructions can
be executed outside of defined SMM space provided the
conditions above are met.
The SMINT instruction can be used by software to enter
SMM. The SMINT instruction can only be used outside an
SMM routine if all the conditions listed below are true.
1)
USE_SMI = 1
2)
SMAR size > 0
3)
Current Privilege Level = 0
4)
SMAC = 1
If SMI# is asserted to the CPU during a software SMI, the
hardware SMI# is serviced after the software SMI has
been exited by execution of the RSM instruction.
All the SMM instructions (except RSM and SMINT) save
or restore 80 bits of data, allowing the saved values to
include the hidden portion of the register contents.
Table 3-37. SMM Instruction Set
Instruction
Opcode
Format
Description
SVDC
0F 78h [mod sreg3 r/m]
SVDC mem80, sreg3
Save Segment Register and Descriptor
Saves reg (DS, ES, FS, GS, or SS) to mem80.
RSDC
0F 79h [mod sreg3 r/m]
RSDC sreg3, mem80
Restore Segment Register and Descriptor
Restores reg (DS, ES, FS, GS, or SS) from mem80. Use RSM
to restore CS.
Note: Processing “RSDC CS, Mem80” will produce an excep-
tion.
SVLDT
0F 7Ah [mod 000 r/m]
SVLDT mem80
Save LDTR and Descriptor
Saves Local Descriptor Table (LDTR) to mem80.
RSLDT
0F 7Bh [mod 000 r/m]
RSLDT mem80
Restore LDTR and Descriptor
Restores Local Descriptor Table (LDTR) from mem80.
SVTS
0F 7Ch [mod 000 r/m]
SVTS mem80
Save TSR and Descriptor
Saves Task State Register (TSR) to mem80.
RSTS
0F 7Dh [mod 000 r/m]
RSTS mem80
Restore TSR and Descriptor
Restores Task State Register (TSR) from mem80.
SMINT
0F 38h
SMINT
Software SMM Entry
CPU enters SMM. CPU state information is saved in SMM
memory space header and execution begins at SMM base
address.
RSM
0F AAh
RSM
Resume Normal Mode
Exits SMM. The CPU state is restored using the SMM memory
space header and execution resumes at interrupted point.
Note: smem80 = 80-bit memory location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com