Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  GXM Datasheet HTML 1Page - National Semiconductor (TI) GXM Datasheet HTML 2Page - National Semiconductor (TI) GXM Datasheet HTML 3Page - National Semiconductor (TI) GXM Datasheet HTML 4Page - National Semiconductor (TI) GXM Datasheet HTML 5Page - National Semiconductor (TI) GXM Datasheet HTML 6Page - National Semiconductor (TI) GXM Datasheet HTML 7Page - National Semiconductor (TI) GXM Datasheet HTML 8Page - National Semiconductor (TI) GXM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 244 page
background image
www.national.com
2
Revision 3.1
Features
General Features
 Packaged in:
— 352-Terminal Ball Grid Array (BGA) or
— 320-Pin Staggered Pin Grid Array (SPGA)
 0.35-micron four layer metal CMOS process
 Split rail design (3.3V I/O and 2.9V core)
32-Bit x86 Processor
 Supports the MMX instruction set extension for the
acceleration of multimedia applications
 Speeds offered up to 266 MHz
 16 KB unified L1 cache
 Integrated Floating Point Unit (FPU)
 Re-entrant System Management Mode (SMM)
enhanced for VSA
PCI Controller
 Fixed, rotating, hybrid, or ping-pong arbitration
 Supports up to three PCI bus masters
 Synchronous CPU and PCI bus clock frequency
 Supports concurrency between PCI master and L1
cache
Power Management
 Designed to support CS5530 power management
architecture
 CPU only Suspend or full 3V Suspend supported:
— Clocks to CPU core stopped for CPU Suspend
— All on-chip clocks stopped for 3V Suspend
— Suspend refresh supported for 3V Suspend
Virtual Systems Architecture Technology
 Architecture allows OS independent (software) virtual-
ization of hardware functions
 Provides compatible high performance legacy VGA
core functionality
Note: GUI (Graphical User Interface) graphics accel-
eration is pure hardware.
 Provides 16-bit XpressAUDIO subsystem
2D Graphics Accelerator
 Graphics pipeline performance significantly increased
over previous generations by pipelining burst
reads/writes
 Accelerates BitBLTs, line draw, text
 Supports all 256 raster operations
 Supports transparent BLTs
 Runs at core clock frequency
 Full VGA and VESA mode support
 Special "Driver level” instructions utilize internal
scratchpad for enhanced performance
Display Controller
 Video Generator (VG) improves memory efficiency for
display refresh with SDRAM
 Supports a separate MPEG1 video buffer and data
path to enable video acceleration in the CS5530
 Internal palette RAM for use with the CS5530
 Direct interface to CS5530 for CRT and TFT flat panel
support which eliminates need for external RAMDAC
 Hardware frame buffer compressor/decompressor
 Hardware cursor
 Supports up to 1280x1024x8 bpp and 1024x768x16
bpp
XpressRAM Subsystem
 Memory control/interface directly from CPU
 64-Bit wide memory bus
 Support for:
— Two 168-pin unbuffered DIMMs
— Up to 16 open banks simultaneously
— Single or 16-byte reads (burst length of two)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com