Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 44Page - National Semiconductor (TI) GXM Datasheet HTML 45Page - National Semiconductor (TI) GXM Datasheet HTML 46Page - National Semiconductor (TI) GXM Datasheet HTML 47Page - National Semiconductor (TI) GXM Datasheet HTML 48Page - National Semiconductor (TI) GXM Datasheet HTML 49Page - National Semiconductor (TI) GXM Datasheet HTML 50Page - National Semiconductor (TI) GXM Datasheet HTML 51Page - National Semiconductor (TI) GXM Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 244 page
background image
www.national.com
48
Revision 3.1
Processor Programming (Continued)
Table 3-10. Configuration Register Map
Register
(Index)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Control Registers
CCR1 (C1h)
RSVD
SMAC
USE_SMI
RSVD
CCR2 (C2h)
USE_SUSP
RSVD
WT1
SUSP_HLT
LOCK_NW
RSVD
CCR3 (C3h)
LSS_34
LSS_23
LSS_12
MAPEN
RSVD
NMI_EN
SMI_LOCK
CCR4 (E8h)
CPUID
SMI_NEST
RSVD
DTE_EN
MEM_BYP
IORT2
IORT1
IORT0
CCR7 (EBh)
RSVD
NMI
RSVD
EMMX
PCR (20h)
LSSER
RSVD
Device ID Registers
DIR0 (FEh)
DID3
DID2
DID1
DID0
RSVD
CLKMODE1
RSVD
CLMODE0
DIR1 (FFh)
SID3
SID2
SID1
SID0
RID3
RID2
RID1
RID0
SMM Base Header Address Registers
SMAR0 (CDh)
A31
A30
A29
A28
A27
A26
A25
A24
SMAR1 (CEh)
A23
A22
A21
A20
A19
A18
A17
A16
SMAR2 (CFh)
A15
A14
A13
A12
SIZE3
SIZE2
SIZE1
SIZE0
SMHR0 (B0h)
A7
A6
A5
A4
A3
A2
A1
A0
SMHR1 (B1h)
A15
A14
A13
A12
A11
A10
A9
A8
SMHR2 (B2h)
A23
A22
A21
A20
A19
A18
A17
A16
SMHR3 (B3h)
A31
A30
A29
A28
A27
A26
A26
A24
Graphics/VGA Related Registers
GCR (B8h)
RSVD
Scratchpad Size
Base Address Code
VGACTL (B9h)
RSVD
Enable SMI
for VGA
memory
B8000h to
BFFFFh
Enable SMI
for VGA
memory
B0000h to
B7FFFh
Enable SMI
for VGA
memory
A0000h to
AFFFFh
VGAM0 (BAh)
VGA Mask Register Bits [7:0]
VGAM1 (BBh)
VGA Mask Register Bits [15:8]
VGAM2 (BCh)
VGA Mask Register Bits [23:16]
VGAM3 (BDh)
VGA Mask Register Bits [31:24]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com