Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 56Page - National Semiconductor (TI) GXM Datasheet HTML 57Page - National Semiconductor (TI) GXM Datasheet HTML 58Page - National Semiconductor (TI) GXM Datasheet HTML 59Page - National Semiconductor (TI) GXM Datasheet HTML 60Page - National Semiconductor (TI) GXM Datasheet HTML 61Page - National Semiconductor (TI) GXM Datasheet HTML 62Page - National Semiconductor (TI) GXM Datasheet HTML 63Page - National Semiconductor (TI) GXM Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 244 page
background image
www.national.com
60
Revision 3.1
Processor Programming (Continued)
3.4
ADDRESS SPACES
The GXm processor can directly address either memory
or I/O space. Figure 3-2 illustrates the range of addresses
available for memory address space and I/O address
space. For the CPU, the addresses for physical memory
range between 0000 0000h and FFFFFFFFh (4 GBytes).
The accessible I/O addresses space ranges between
00000000h and 0000 FFFFh (64 KB). The CPU does not
use coprocessor communication space in upper I/O space
between 800000F8h and 8000 00FFh as do the 386-style
CPUs. The I/O locations 22h and 23h are used for GXm
processor configuration register access.
3.4.1
I/O Address Space
The CPU I/O address space is accessed using IN and
OUT instructions to addresses referred to as “ports.”The
accessible I/O address space is 64 KB and can be
accessed as 8-bit, 16-bit or 32-bit ports.
The GXm processor configuration registers reside within
the I/O address space at port addresses 22h and 23h and
are accessed using the standard IN and OUT instructions.
The configuration registers are modified by writing the
index of the configuration register to port 22h, and then
transferring the data through port 23h. Accesses to the
on-chip configuration registers do not generate external
I/O cycles. However, each operation on port 23h must be
preceded by a write to port 22h with a valid index value.
Otherwise, subsequent port 23h operations will communi-
cate through the I/O port to produce external I/O cycles with-
out modifying the on-chip configuration registers. Write
operations to port 22h outside of the CPU index range
(C0h-CFh and FEh-FFh) result in external I/O cycles and
do not affect the on-chip configuration registers. Reading
port 22h generates external I/O cycles.
I/O accesses to port address range 3B0h through 3DFh
can be trapped to SMI by the CPU if this option is enabled
in the BC_XMAP_1 register (see SMIB, SMIC, and SMID
bits in Table 4-10 on page 101). Figure 3-2 illustrates the
I/O address space.
3.4.2
Memory Address Space
The processor directly addresses up to 4 GB of physical
memory even though the memory controller addresses
only 1 GB of DRAM. Memory address space is accessed
as bytes, words (16 bits) or DWORDs (32 bits). Words
and DWORDs arestoredinconsecutive memory bytes
with the low-order byte located in the lowest address. The
physical address of a word or DWORD is the byte address
of the low-order byte.
The processor allows memory to be addressed using nine
different addressing modes. These addressing modes are
used to calculate an offset address, often referred to as an
effective address. Depending on the operating mode of
the CPU, the offset is then combined, using memory man-
agement mechanisms, into a physical address that is
applied to the physical memory devices.
Memory management mechanisms consist of segmenta-
tion and paging. Segmentation allows each program to
use several independent, protected address spaces. Pag-
ing translates a logical address into a physical address
using translation lookup tables. Virtual memory is often
implemented using paging. Either or both of these mecha-
nisms can be used for management of the GXm proces-
sor memory address space.
Figure 3-2. Memory and I/O Address Spaces
Physical
Memory Space
Accessible
Programmed
I/O Space
FFFFFFFFh
0000FFFFh
00000000h
FFFFFFFFh
00000000h
Physical Memory
4GB
Not
Accessible
64 KB
CPU General
Configuration
Register I/O
Space
00000023h
00000022h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com