Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 32Page - National Semiconductor (TI) GXM Datasheet HTML 33Page - National Semiconductor (TI) GXM Datasheet HTML 34Page - National Semiconductor (TI) GXM Datasheet HTML 35Page - National Semiconductor (TI) GXM Datasheet HTML 36Page - National Semiconductor (TI) GXM Datasheet HTML 37Page - National Semiconductor (TI) GXM Datasheet HTML 38Page - National Semiconductor (TI) GXM Datasheet HTML 39Page - National Semiconductor (TI) GXM Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 244 page
background image
www.national.com
36
Revision 3.1
Signal Definitions (Continued)
2.4
POWER PLANES
Figure 2-6 shows layout recommendations for splitting the
power plane between VCC2 (core: 2.9V) and VCC3 (I/O:
3.3V) volts in the BGA package.
The illustration assumes there is one power plane, and no
components on the back of the board
Figure 2-7 shows layout recommendations for splitting the
power plane between VCC2 (core: 2.9V) and VCC3 (I/O:
3.3V) volts for the GXm in the SPGA package.
Figure 2-6. BGA Recommended Split Power Plane and Decoupling
1
26
A
AF
AF
A
26
1
= High frequency capacitor
= 220µF, low ESR capacitor
= 3.3V connection
= 2.9V connection
Geode™ GXm
352 BGA - Top View
2.9V Plane
(VCC2)
3.3V Plane
(VCC3)
3.3V Plane
(VCC3)
3.3V Plane
(VCC3)
2.9V Plane
(VCC2)
Legend
Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com