Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 43Page - National Semiconductor (TI) GXM Datasheet HTML 44Page - National Semiconductor (TI) GXM Datasheet HTML 45Page - National Semiconductor (TI) GXM Datasheet HTML 46Page - National Semiconductor (TI) GXM Datasheet HTML 47Page - National Semiconductor (TI) GXM Datasheet HTML 48Page - National Semiconductor (TI) GXM Datasheet HTML 49Page - National Semiconductor (TI) GXM Datasheet HTML 50Page - National Semiconductor (TI) GXM Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 244 page
background image
Revision 3.1
47
www.national.com
Processor Programming (Continued)
3.3.2.2
Configuration Registers
The configuration registers listed in Table 3-9 are CPU
registers and are selected by register index numbers. The
registers are accessed through I/O memory locations 22h
and 23h. Registers are selected for access by writing an
index number to I/O Port 22h using an OUT instruction
prior to transferring data through I/O Port 23h.
Each data transfer through I/O Port 23h must be preceded
by a register index selection through I/O Port 22h; other-
wise, subsequent I/O Port 23h operations are directed off-
chip and produce external I/O cycles.
If MAPEN, bit 4 of CCR3 (Index C3h[4]) = 0, external I/O
cycles occur if the register index number is outside the
range C0h-CFh, FEh, and FFh. The MAPEN bit should
remain 0 during normal operation to allow system regis-
ters located at I/O Port 22h to be accessed.
Table 3-9. Configuration Register Summary
Index
Type
Name
Access
Controlled By*
Default
Value
Reference
(Bit Formats)
C1h
R/W
CCR1 — Configuration Control 1
SMI_LOCK
00h
Table 3-11 on page 49
C2h
R/W
CCR2 — Configuration Control 2
--
00h
Table 3-11 on page 49
C3h
R/W
CCR3 — Configuration Control 3
SMI_LOCK
00h
Table 3-11 on page 49
E8h
R/W
CCR4 — Configuration Control 4
MAPEN
85h
Table 3-11 on page 50
EBh
R/W
CCR7 — Configuration Control 7
--
00h
Table 3-11 on page 50
20h
R/W
PCR — Performance Control
MAPEN
07h
Table 3-11 on page 50
B0h
R/W
SMHR0 — SMM Header Address 0
MAPEN
xxh
Table 3-11 on page 50
B1h
R/W
SMHR1 — SMM Header Address 1
MAPEN
xxh
Table 3-11 on page 50
B2h
R/W
SMHR2 — SMM Header Address 2
MAPEN
xxh
Table 3-11 on page 50
B3h
R/W
SMHR3 — SMM Header Address 3
MAPEN
xxh
Table 3-11 on page 50
B8h
R/W
GCR — Graphics Control Register
MAPEN
00h
Table 4-1 on page 92
B9h
VGACTL — VGA Control Register
--
00h
Table 5-5 on page 173
BAh-
BDh
VGAM0 — VGA Mask Register
--
00h
Table 5-5 on page 173
CDh
R/W
SMAR0 — SMM Address 0
SMI_LOCK
00h
Table 3-11 on page 51
CEh
R/W
SMAR1 — SMM Address 1
SMI_LOCK
00h
Table 3-11 on page 51
CFh
R/W
SMAR2 — SMM Address 2
SMI_LOCK
00h
Table 3-11 on page 51
FEh
RO
DIR0 — Device ID 0
--
4xh
Table 3-11 on page 51
FFh
RO
DIR1 — Device ID 1
--
xxh
Table 3-11 on page 51
Note:
*MAPEN = Index C3h[4] (CCR3) and SMI_LOCK = Index C3h[0] (CCR3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com