Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 49Page - National Semiconductor (TI) GXM Datasheet HTML 50Page - National Semiconductor (TI) GXM Datasheet HTML 51Page - National Semiconductor (TI) GXM Datasheet HTML 52Page - National Semiconductor (TI) GXM Datasheet HTML 53Page - National Semiconductor (TI) GXM Datasheet HTML 54Page - National Semiconductor (TI) GXM Datasheet HTML 55Page - National Semiconductor (TI) GXM Datasheet HTML 56Page - National Semiconductor (TI) GXM Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 244 page
background image
Revision 3.1
53
www.national.com
Processor Programming (Continued)
The Debug Status Register (DR6) reflects conditions that
were in effect at the time the debug exception occurred.
The contents of the DR6 register are not automatically
cleared by the processor after a debug exception occurs,
and therefore should be cleared by software at the appro-
priate time. Table 3-13 lists the field definitions for the DR6
and DR7 registers.
Code execution breakpoints may also be generated by
placing the breakpoint instruction (INT3) at the location
where control is to be regained. The single-step feature
maybeenabledbysetting theTF flag(bit8)inthe
EFLAGS register. This causes the processor to perform a
debug exception after the execution of every instruction.
Debug Registers 6 and 7 are shown in Table 3-13.
Table 3-13. DR7 and DR6 Bit Definitions
Field(s)
Number
of Bits
Description
DR7 Register
Debug Control Register 7 (R/W)
R/Wn
2
Applies to the DRn breakpoint address register:
00 = Break on instruction execution only
01 = Break on data write operations only
10 = Not used
11 = Break on data reads or write operations.
LENn
2
Applies to the DRn breakpoint address register:
00 = One-byte length
01 = Two-byte length
10 = Not used
11 = Four-byte length.
Gn
1
If = 1: breakpoint in DRn is globally enabled for all tasks and is not cleared by the processor as the
result of a task switch.
Ln
1
If = 1: breakpoint in DRn is locally enabled for the current task and is cleared by the processor as the
result of a task switch.
GD
1
Global disable of debug register access. GD bit is cleared whenever a debug exception occurs.
DR6 Register
Debug Status Register 6 (RO)
Bn
1
Bn is set by the processor if the conditions described by DRn, R/Wn, and LENn occurred when the
debug exception occurred, even if the breakpoint is not enabled via the Gn or Ln bits.
BT
1
BT is set by the processor before entering the debug handler if a task switch has occurred to a task with
the T bit in the TSS set.
BS
1
BS is set by the processor if the debug exception was triggered by the single-step execution mode (TF
flag, bit 8, in EFLAGS set).
Note: n = 0, 1, 2, and 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com