Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 35Page - National Semiconductor (TI) GXM Datasheet HTML 36Page - National Semiconductor (TI) GXM Datasheet HTML 37Page - National Semiconductor (TI) GXM Datasheet HTML 38Page - National Semiconductor (TI) GXM Datasheet HTML 39Page - National Semiconductor (TI) GXM Datasheet HTML 40Page - National Semiconductor (TI) GXM Datasheet HTML 41Page - National Semiconductor (TI) GXM Datasheet HTML 42Page - National Semiconductor (TI) GXM Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 244 page
background image
Revision 3.1
39
www.national.com
Processor Programming (Continued)
3.2
INSTRUCTION SET OVERVIEW
The GXm processor instruction set can be divided into
nine types of operations:
• Arithmetic
• Bit Manipulation
• Shift/Rotate
• String Manipulation
• Control Transfer
•Data Transfer
• Floating Point
• High-Level Language Support
• Operating System Support
GXm processor instructions operate on as few as zero
operands and as many as three operands. An NOP
instruction (no operation) is an example of a zero-operand
instruction. Two-operand instructions allow the specifica-
tion of an explicit source and destination pair as part of
the instruction. These two-operand instructions can be
divided into ten groups according to operand types:
• Register to Register
• Register to Memory
• Memory to Register
• Memory to Memory
•Register to I/O
• I/O to Register
• Memory to I/O
• I/O to Memory
• Immediate Data to Register
• Immediate Data to Memory
An operand can beheldinthe instructionitself(as in the
case of an immediate operand), in one of the processor’s
registers or I/O ports, or in memory. An immediate oper-
and is fetched as part of the opcode for the instruction.
Operand lengths of 8, 16, 32 or 48 bits are supported as
well as 64 or 80 bits associated with floating-point instruc-
tions. Operand lengths of 8 or 32 bits are generally used
when executing code written for 386- or 486-class (32-bit
code) processors. Operand lengths of 8 or 16 bits are
generally used when executing existing 8086 or 80286
code (16-bit code). The default length of an operand can
be overridden by placing one or more instruction prefixes
in front of the opcode. For example, the use of prefixes
allows a 32-bit operand to be used with 16-bit code or a
16-bit operand to be used with 32-bit code.
Section 9.1 “General Instruction Set Format” on page 202
contains the clock count table that lists each instruction in
the CPU instructionset.Includedinthe tableare the
associated opcodes, execution clock counts, and effects
on the EFLAGS register.
3.2.1
Lock Prefix
The LOCK prefix may be placed before certain instruc-
tions that read, modify, then write back to memory. The
PCI will not be granted access in the middle of locked
instructions. The LOCK prefix can be used with the follow-
ing instructions only when the result is a write operation to
memory.
• Bit Test Instructions (BTS, BTR, BTC)
• Exchange Instructions (XADD, XCHG, CMPXCHG)
• One-Operand Arithmetic and Logical Instructions
(DEC, INC, NEG, NOT)
• Two-Operand Arithmetic and Logical Instructions
(ADC, ADD, AND, OR, SBB, SUB, XOR).
An invalid opcode exception is generated if the LOCK pre-
fix is used with any other instruction or with one of the
instructions above when no write operation to memory
occurs (for example, when the destination is a register).
SMAR1
SMM Address 1
00h
See Table 3-11 on page 50 for bit definitions.
SMAR2
SMM Address 2 / SMAR Size
00h
See Table 3-11 on page 50 for bit definitions.
DIR0
Device Identification 0
4xh
Device ID and reads back initial CPU clock-speed set-
ting. See Table 3-11 on page 51 for bit definitions.
DIR1
Device Identification 1
xxh
Stepping and Revision ID (RO). See Table 3-11 on
page 51 for bit definitions.
DR7
Debug Register 7
00000400h
See Table 3-13 on page 53 for bit definitions.
Note: x = Undefined value
Table 3-1. Initialized Core Register Controls (Continued)
Register
Register Name
Initialized Contents
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com