Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 99 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 99 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 95Page - National Semiconductor (TI) GXM Datasheet HTML 96Page - National Semiconductor (TI) GXM Datasheet HTML 97Page - National Semiconductor (TI) GXM Datasheet HTML 98Page - National Semiconductor (TI) GXM Datasheet HTML 99Page - National Semiconductor (TI) GXM Datasheet HTML 100Page - National Semiconductor (TI) GXM Datasheet HTML 101Page - National Semiconductor (TI) GXM Datasheet HTML 102Page - National Semiconductor (TI) GXM Datasheet HTML 103Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 244 page
background image
Revision 3.1
99
www.national.com
Integrated Functions (Continued)
4.1.6
CPU_READ/CPU_WRITE Instructions
The GXm processor has several internal registers that
control the BLT buffer and power management circuitry in
the dedicated cache subsystem. To avoid adding addi-
tional instructions to read and write these registers, the
GXm processor has a general mechanism to access inter-
nal CPU registers with reasonable performance. The
GXm processor has two special instructions to read and
write CPU registers: CPU_READ and CPU_WRITE. Both
instructions fetch a 32-bit register address from EBX as
showninTable4-7 andTable4-8. CPU_WRITE uses EAX
for the source data, and CPU_READ uses EAX as the
destination. Both instructions always transfer 32 bits of
data.
These instructions work by initiating a special I/O transac-
tion where the high address bit is set. This provides a very
large address space for internal CPU registers.
The BLT buffer base registers define the starting physical
addresses of the BLT buffers located within the dedicated
L1 cache. The dedicated cache can be configured for up
to 4 KB, so 12 address bits are required for each base
address.
Table 4-7. CPU-Access Instructions
Syntax
Opcode
Registers
Length
CPU_WRITE
0F3Ch
EBX = 32-bit address, EAX = Source
2 bytes
CPU_READ
0F3Dh
EBX = 32-bit address, EAX = Destination
2 bytes
Table 4-8. Address Map for CPU-Access Registers
Register
EBX Address
Description
L1_BB0_BASE
FFFFFF0Ch
BLT Buffer 0 base address (see Table 4-4 on page 96).
L1_BB1_BASE
FFFFFF1Ch
BLT Buffer 1 base address (see Table 4-4 on page 96).
L1_BB0_POINTER
FFFFFF2Ch
BLT Buffer 0 pointer address (see Table 4-4 on page 96).
L1_BB1_POINTER
FFFFFF3Ch
BLT Buffer 1 pointer address (see Table 4-4 on page 96).
PM_BASE
FFFFFF6Ch
Power management base address (see Table 6-3 on page 181).
PM_MASK
FFFFFF7Ch
Power management address mask (see Table 6-3 on page 181).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com