Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 40Page - National Semiconductor (TI) GXM Datasheet HTML 41Page - National Semiconductor (TI) GXM Datasheet HTML 42Page - National Semiconductor (TI) GXM Datasheet HTML 43Page - National Semiconductor (TI) GXM Datasheet HTML 44Page - National Semiconductor (TI) GXM Datasheet HTML 45Page - National Semiconductor (TI) GXM Datasheet HTML 46Page - National Semiconductor (TI) GXM Datasheet HTML 47Page - National Semiconductor (TI) GXM Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 244 page
background image
www.national.com
44
Revision 3.1
Processor Programming (Continued)
3.3.2
System Register Set
The system register set, shown in Table 3-5, consists of
registers not generally used by application programmers.
These registers are typically employed by system level
programmers who generate operating systems and mem-
ory management programs. Associated with the system
register set are certain tables and segments which are
listed in Table 3-5.
The Control Registers control certain aspects of the
GXm processor such as paging, coprocessor functions,
and segment protection.
The Descriptor Tables hold descriptors that manage
memory segments and tables, interrupts and task switch-
ing. The tables are defined by corresponding registers.
The two Task State Segments Tables defined by TSS reg-
ister are used to save and load the computer state when
switching tasks.
The Configuration Registers areusedtodefinethe
GXm CPU setup including cache management.
The ID registers allow BIOS and other software to identify
the specific CPU and stepping. System Management
Mode (SMM) control information is stored in the SMM reg-
isters.
The Debug Registers provide debugging facilities for the
GXm processor and enable the use of data access break-
points and code execution breakpoints.
The Test Registers provide a mechanism to test the con-
tents of both the on-chip 16 KB cache and the Translation
Lookaside Buffer (TLB). The TLB is used as a cache for
the tables that are used in to translate linear addresses to
physical addresses while paging is enabled.
Table 3-5 lists the system register sets along with their
size and function.
Table 3-5. System Register Set
Group
Name
Function
Width
(Bits)
Control
Registers
CR0
System Control
Register
32
CR2
Page Fault Linear
Address Register
32
CR3
Page Directory Base
Register
32
CR4
Time Stamp Counter
32
Descriptor
Tables
GDT
General Descriptor Table
32
IDT
Interrupt Descriptor
Table
32
LDT
Local Descriptor Table
16
Descriptor
Table
Registers
GDTR
GDT Register
32
IDTR
IDT Register
32
LDTR
LDT Register
16
Task State
Segment and
Registers
TSS
Task State Segment
Tables
16
TR
TSS Register Setup
16
Configuration
Registers
CCRn
Configuration Control
Registers
8
ID
Registers
DIRn
Device Identification
Registers
8
SMM
Registers
SMARn
SMM Address Region
Registers
8
SMHRn
SMM Header Addresses
8
Performance
Registers
PCR0
Performance Control
Register
8
Debug
Registers
DR0
Linear Breakpoint
Address 0
32
DR1
Linear Breakpoint
Address 1
32
DR2
Linear Breakpoint
Address 2
32
DR3
Linear Breakpoint
Address 3
32
DR6
Breakpoint Status
32
DR7
Breakpoint Control
32
Test
Registers
TR3
Cache Test
32
TR4
Cache Test
32
TR5
Cache Test
32
TR6
TLB Test Control
32
TR7
TLB Test Status
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com