Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 54Page - National Semiconductor (TI) GXM Datasheet HTML 55Page - National Semiconductor (TI) GXM Datasheet HTML 56Page - National Semiconductor (TI) GXM Datasheet HTML 57Page - National Semiconductor (TI) GXM Datasheet HTML 58Page - National Semiconductor (TI) GXM Datasheet HTML 59Page - National Semiconductor (TI) GXM Datasheet HTML 60Page - National Semiconductor (TI) GXM Datasheet HTML 61Page - National Semiconductor (TI) GXM Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 244 page
background image
www.national.com
58
Revision 3.1
Processor Programming (Continued)
There are five types of test operations that can be exe-
cuted:
• Flush buffer read
•Fill buffer write
•Cache write
• Cache read
• Cache flush
These operations are described in detail in Table 3-18. To
fill a cache line with data, the fill buffer must be written four
times. Once the fill buffer holds a complete cache line of
data (16 bytes), a cache write operation transfers the data
from the fill buffer to the cache.
To read the contents of a cache line, a cache read opera-
tion transfers the data in the selected cache line to the
flush buffer. Once the flush buffer is loaded, the program-
mer accesses the contents of the flush buffer by executing
four flush buffer read operations.
Table 3-18. Cache Test Operations
Test Operation
Code Sequence
Action Taken
Flush Buffer Read
MOV TR5, 0h
MOV dest,TR3
Set DWORD = 0, control = 00 = flush buffer read.
Flush buffer (31:0) --> dest.
MOV TR5, 4h
MOV dest,TR3
Set DWORD = 1, control = 00 = flush buffer read.
Flush buffer (63:32) --> dest.
MOV TR5, 8h
MOV dest,TR3
Set DWORD = 2, control = 00 = flush buffer read.
Flush buffer (95:64) --> dest.
MOV TR5, Ch
MOV dest,TR3
Set DWORD = 3, control = 00 = flush buffer read.
Flush buffer (127:96) --> dest.
Fill Buffer Write
MOV TR5, 0h
MOV TR3, cache_data
Set DWORD = 0, control = 00 = fill buffer write.
Cache_data --> fill buffer (31:0).
MOV TR5, 4h
MOV TR3, cache_data
Set DWORD = 1, control = 00 = fill buffer write.
Cache_data --> fill buffer (63:32).
MOV TR5, 8h
MOV TR3, cache_data
Set DWORD = 2, control = 00 = fill buffer write.
Cache_data --> fill buffer (95:64).
MOV TR5, Ch
MOV TR3, cache_data
Set DWORD = 3, control = 00 = fill buffer write.
Cache_data --> fill buffer (127:96).
Cache Write
MOV TR4, cache_tag
Cache_tag --> tag address, valid and dirty bits.
MOV TR5, line+set+control=01
Fill buffer (127:0) --> cache line (127:0).
Cache Read
MOV TR5, line+set+control=10
MOV dest, TR4
Cache line (127:0) --> flush buffer (127:0).
Cache line tag address, valid/LRU/dirty bits --> dest.
Cache Flush
MOV TR5, 3h
Control = 11 = cache flush, all cache valid bits = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com