Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 59Page - National Semiconductor (TI) GXM Datasheet HTML 60Page - National Semiconductor (TI) GXM Datasheet HTML 61Page - National Semiconductor (TI) GXM Datasheet HTML 62Page - National Semiconductor (TI) GXM Datasheet HTML 63Page - National Semiconductor (TI) GXM Datasheet HTML 64Page - National Semiconductor (TI) GXM Datasheet HTML 65Page - National Semiconductor (TI) GXM Datasheet HTML 66Page - National Semiconductor (TI) GXM Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 244 page
background image
Revision 3.1
63
www.national.com
Processor Programming (Continued)
3.7.2
Segment Mechanism in Protective Mode
Thesegment mechanisminprotectivemodeismorecom-
plex. Basically as in Real and Virtual 8086 modes the off-
set address is added to the segment base address to
produce a linear address (Figure 3-5). However, the cal-
culation of the segment base address is based on the
contents of descriptor tables.
Again, if paging is enabled the linear address is further
processed by the paging mechanism.
A more detailed look at the segment mechanisms for real,
virtual 8086 and protective modes is illustrated in Figure
3-6. In protective mode, the segment selector is cached.
This is illustrated in Figure 3-7 on page 65.
3.7.2.1
Segment Selectors
The segment registers are used to store segment selec-
tors. In protective mode, the segment selectors are
divided in to three fields: the RPL, TI and INDEX fields as
shownin Figure3-6.
The segments are assigned permission levels to prevent
application program errors from disrupting operating pro-
grams. The Requested Privilege Level (RPL) determines
the Effective Privilege Level of an instruction. RPL = 0 indi-
cates the most privileged level, and RPL = 3 indicates the
least privileged level. Refer to Section 3.13 “Protection” on
page 86.
Descriptor tables hold descriptors that allow management
of segments and tables in address space while in protec-
tive mode. The Table Indicator Bit (TI) in the selector
selects either the General Descriptor Table (GDT) or one
Local Descriptor Tables (LDT) tables. If TI = 0, GDT is
selected; if TI =1, LDT is selected. The 13-bit INDEX field
in the segment selector is used to index a GDT or LDT
table.
Figure 3-5. Protected Mode Address Calculation
Offset Mechanism
Selector Mechanism
Offset Address
32
32
32
32
Optional
Physical
Segment Base
Address
Address
Paging Mechanism
Linear
Address
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com