Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 34Page - National Semiconductor (TI) GXM Datasheet HTML 35Page - National Semiconductor (TI) GXM Datasheet HTML 36Page - National Semiconductor (TI) GXM Datasheet HTML 37Page - National Semiconductor (TI) GXM Datasheet HTML 38Page - National Semiconductor (TI) GXM Datasheet HTML 39Page - National Semiconductor (TI) GXM Datasheet HTML 40Page - National Semiconductor (TI) GXM Datasheet HTML 41Page - National Semiconductor (TI) GXM Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 244 page
background image
www.national.com
38
Revision 3.1
3.0
Processor Programming
This section describes the internal operations of the
Geode GXm processor from a programmer’s point of view.
It includes a description of the traditional “core” process-
ing and FPU operations. The integrated function registers
are described at the end of this chapter.
The primary register sets within the processor core
include:
• Application Register Set
• System Register Set
• Model Specific Register Set
• Floating Point Unit Register Set.
The initialization of the major registers within in core are
shownin Table3-1.
Theintegratedfunctionsetsare locatedinmainmemory
space and include:
• Internal Bus Interface Unit Register Set
• Graphics Pipeline Register Set
• Display Controller Register Set
• Memory Controller Register Set
• Power Management Register Set
3.1
CORE PROCESSOR INITIALIZATION
The GXm processor is initialized when the RESET signal
is asserted. The processor is placed in real mode and the
registers listed in Table 3-1 are set to their initialized val-
ues. RESET invalidates and disables the CPU cache, and
turns off paging. When RESET is asserted, the CPU ter-
minates all local bus activity and all internal execution.
During the entire time that RESET is asserted, the inter-
nal pipeline is flushed and no instruction execution or bus
activity occurs.
Approximately 150 to 250 external clock cycles after
RESET is deasserted, the processor begins executing
instructions at the top of physical memory (address loca-
tion FFFFFFF0h). The actual time depends on the clock
scaling in use. Also, an additional 220 clock cycles are
needed when self-test is requested.
Typically, an intersegment jump is placed at FFFFFFF0h.
This instruction will force the processor to begin execution
in the lowest 1 MB of address space.
Thefollowing table, Table3-1,lists thecoreregisters and
illustrates how they are initialized.
Table 3-1. Initialized Core Register Controls
Register
Register Name
Initialized Contents
Comments
EAX
Accumulator
xxxxxxxxh
00000000h indicates self-test passed.
EBX
Base
xxxxxxxxh
ECX
Count
xxxxxxxxh
EDX
Data
xxxx 04 [DIR0]h
DIR0 = Device ID
EBP
Base Pointer
xxxxxxxxh
ESI
Source Index
xxxxxxxxh
EDI
Destination Index
xxxxxxxxh
ESP
Stack Pointer
xxxxxxxxh
EFLAGS
Extended FLAGS
00000002h
See Table 3-4 on page 43 for bit definitions.
EIP
Instruction Pointer
0000FFF0h
ES
Extra Segment
0000h
Base address set to 00000000h. Limit set to FFFFh.
CS
Code Segment
F000h
Base address set to FFFF0000h. Limit set to FFFFh.
SS
Stack Segment
0000h
Base address set to 00000000h. Limit set to FFFFh.
DS
Data Segment
0000h
Base address set to 00000000h. Limit set to FFFFh.
FS
Extra Segment
0000h
Base address set to 00000000h. Limit set to FFFFh.
GS
Extra Segment
0000h
Base address set to 00000000h. Limit set to FFFFh.
IDTR
Interrupt Descriptor Table Register
Base = 0, Limit = 3FFh
GDTR
Global Descriptor Table Register
xxxx xxxxh
LDTR
Local Descriptor Table Register
xxxxh
TR
Task Register
xxxxh
CR0
Machine Status Word
60000010h
See Table 3-7 on page 49 for bit definitions.
CR2
Control Register 2
xxxxxxxxh
See Table 3-7 on page 49 for bit definitions.
CR3
Control Register 3
xxxxxxxxh
See Table 3-7 on page 49 for bit definitions.
CR4
Control Register 4
00000000h
See Table 3-7 on page 49 for bit definitions.
CCR1
Configuration Control 1
00h
See Table 3-11 on page 49 for bit definitions.
CCR2
Configuration Control 2
00h
See Table 3-11 on page 49 for bit definitions.
CCR3
Configuration Control 3
00h
See Table 3-11 on page 49 for bit definitions.
CCR7
Configuration Control 7
00h
See Table 3-11 on page 50 for bit definitions.
SMAR0
SMM Address 0
00h
See Table 3-11 on page 51 for bit definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com