Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 64Page - National Semiconductor (TI) GXM Datasheet HTML 65Page - National Semiconductor (TI) GXM Datasheet HTML 66Page - National Semiconductor (TI) GXM Datasheet HTML 67Page - National Semiconductor (TI) GXM Datasheet HTML 68Page - National Semiconductor (TI) GXM Datasheet HTML 69Page - National Semiconductor (TI) GXM Datasheet HTML 70Page - National Semiconductor (TI) GXM Datasheet HTML 71Page - National Semiconductor (TI) GXM Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 244 page
background image
www.national.com
68
Revision 3.1
Processor Programming (Continued)
15
+4
P
Segment Present:
If = 1: Segment is memory segment allocated.
If = 0: The BASE and LIMIT fields become available for use by the system. Also, If = 0, a segment-
not-present exception generated when selector for the descriptor is loaded into a segment register
allowing virtual memory management.
14:13
+4
DPL
Descriptor Privilege Level:
If = 00: Highest privilege level
If = 11: Low privilege level
12
+4
S
Descriptor Type:
If = 1: Code or data segment
If = 0: System segment
11:8
+4
TYPE
Segment Type: Refer to Table 3-23 on page 68 for TYPE bit definitions.
Bit 11 = Executable
Bit 10 = Conforming if bit 12 = 1
Bit 10 = Expand Down if bit 12 = 0
Bit 9 = Readable, if Bit 12 = 1
Bit 9 = Writable, if Bit 12 = 0
Bit 8 = Accessed
Table 3-22. Application and System Segment Descriptors Bit Definitions (Continued)
Bit
Memory
Offset
Name
Description
Table 3-23. Application and System Segment Descriptors TYPE Bit Definitions
TYPE
Bits [11:8]
System Segment and Gate Types
Bit 12 = 0
Application Segment Types
Bit 12 = 1
Num
SEWA
TYPE (Data Segments)
0
0000
Reserved
Data
Read-Only
1
0001
Available 16-Bit TSS
Data
Read-Only, accessed
2
0010
LDT
Data
Read/Write
3
0011
Busy 16-Bit TSS
Data
Read/Write accessed
4
0100
16-Bit Call Gate
Data
Read-Only, expand down
5
0101
Task Gate
Data
Read-Only, expand down, accessed
6
0110
16-Bit Interrupt Gate
Data
Read/Write, expand down
7
0111
16-Bit Trap Gate
Data
Read/Write, expand down, accessed
Num
SCRA
TYPE (Code Segments)
8
1000
Reserved
Code
Execute-Only
9
1001
Available 32-Bit TSS
Code
Execute-Only, accessed
A
1010
Reserved
Code
Execute/Read
B
1011
Busy 32-Bit TSS
Code
Execute/Read, accessed
C
1100
32-Bit Call Gate
Code
Execute/Read, conforming
D
1101
Reserved
Code
Execute/Read, conforming, accessed
E
1110
32-Bit Interrupt Gate
Code
Execute/Read-Only, conforming
F
1111
32-Bit Trap Gate
Code
Execute/Read-Only, conforming accessed
S = Code Segment (not Data Segment)
E = Expand Down
W = Write Enable
A = Accessed
C = Conforming Code Segment
R = Read Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com