Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 85Page - National Semiconductor (TI) GXM Datasheet HTML 86Page - National Semiconductor (TI) GXM Datasheet HTML 87Page - National Semiconductor (TI) GXM Datasheet HTML 88Page - National Semiconductor (TI) GXM Datasheet HTML 89Page - National Semiconductor (TI) GXM Datasheet HTML 90Page - National Semiconductor (TI) GXM Datasheet HTML 91Page - National Semiconductor (TI) GXM Datasheet HTML 92Page - National Semiconductor (TI) GXM Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 244 page
background image
Revision 3.1
89
www.national.com
Processor Programming (Continued)
3.15 FLOATING POINT UNIT OPERATIONS
The FPU is x87-instruction-set compatible and adheres to
the IEEE-754 standard. Because most applications that
contain FPU instructions intermix with integer instructions,
the GXm processor’s FPU achieves high performance by
completing integer and FPU operations in parallel.
3.15.1 FPU (Floating Point Unit) Register Set
In addition to the registers described to this point, the FPU
within the CPU provides the user eight data registers
accessed in a stack-like manner, a control register, and a
status register. The CPU also provides a data register tag
word that improves context switching and stack perfor-
mance by maintaining empty/non-empty status for each of
the eight data registers. In addition, registers contain
pointers to (a) the memory location containing the current
instruction word and (b) the memory location containing
the operand associated with the current instruction word
(if any).
3.15.2 FPU Tag Word Register
The CPU maintains a tag word register that is divided into
eight tag word fields. These fields assume one of four val-
ues depending on the contents of their associated data
registers: Valid (00), Zero (01), Special (10), and Empty
(11). Note: Denormal, Infinity, QNaN, SNaN and unsup-
ported formats are tagged as “Special”. Tag values are
maintained transparently by the CPU and are only avail-
able to the programmer indirectly through the FSTENV and
FSAVE instructions. The tag word with tag fields for each
associated physical register, tag(n), is shown in Table 3-39
on page 90.
3.15.3 FPU Status Register
The FPU communicates status information and operation
results to the CPU through the status register. The fields
in the FPU status register are detailed in Table 3-39 on
page 90. These fields include information related to
exception status, operation execution status, register sta-
tus, operand class, and comparison results. This register
is continuously accessible to the CPU regardless of the
state of the Control or Execution Units.
3.15.4 FPU Mode Control Register
The FPU Mode Control Register (MCR) shown in Table 3-
39 on page 90 is used by the GXm processor to specify
the operating mode of the FPU. The MCR register fields
include information related to the rounding mode selected,
the amount of precision to be used in the calculations, and
the exception conditions which should be reported to the
GXm processor using traps. The user controls precision,
rounding, and exception reporting by setting or clearing
appropriate bits in the MCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com