Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 52Page - National Semiconductor (TI) GXM Datasheet HTML 53Page - National Semiconductor (TI) GXM Datasheet HTML 54Page - National Semiconductor (TI) GXM Datasheet HTML 55Page - National Semiconductor (TI) GXM Datasheet HTML 56Page - National Semiconductor (TI) GXM Datasheet HTML 57Page - National Semiconductor (TI) GXM Datasheet HTML 58Page - National Semiconductor (TI) GXM Datasheet HTML 59Page - National Semiconductor (TI) GXM Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 244 page
background image
www.national.com
56
Revision 3.1
Processor Programming (Continued)
Cache Test Registers
The processor’s 16 KB on-chip cache is a four-way set
associative memory that is configured as write-back
cache. Each cache set contains 256 entries. Each entry
consists of a 20-bit tag address, a 16-byte data field, a
valid bit, and four dirty bits.
The 20-bit tag represents the high-order 20 bits of the
physical address. The 16-byte data represents the 16
bytes of data currently in memory at the physical address
represented by the tag. The valid bit indicates whether the
data bytes in the cache actually contain valid data. The
four dirty bits indicate if the data bytes in the cache have
been modified internally without updating external mem-
ory (write-back configuration). Each dirty bit indicates the
status for one double-word (4 bytes) within the 16-byte
data field.
Foreachlineinthe cache, thereare threeLRU bits that
indicate which of the four sets was most recently
accessed. A line is selected using bits [11:4] of the physi-
cal address. Figure 3-1 illustrates the CPU cache archi-
tecture.
The CPU contains three test registers (TR5-TR3) that
allow testing of its internal cache. Bit definitions for the
cache test registers are shown in Table 3-17. Using a 16-
byte cache fill buffer and a 16-byte cache flush buffer,
cache reads and writes may be performed.
.
Figure 3-1. CPU Cache Architecture
D
E
C
O
D
E
255
254
.
.
0
A11-A4
Line
Address
= Cache Entry (153 bits)
Tag Address (20 bits)
Data (128 bits)
Valid Status (1 bit)
Dirty Status (4 bits)
Set 0
Set 1
Set 2
Set 3
LRU
.
.
.
.
.
.
.
.
.
.
152 --- 0
152 --- 0
152 --- 0
152 --- 0
2 --- 0
Table 3-16. Cache Test Registers
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8765
4
3
2
1
0
TR5 Register (R/W)
RSVD
Line Selection
Set/
DWORD
Control
Bits
TR4 Register (R/W)
Cache Tag Address
0
LRU Bits
Dirty Bits
0
0
0
TR3 Register (R/W)
Cache Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com