Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  GXM Datasheet HTML 1Page - National Semiconductor (TI) GXM Datasheet HTML 2Page - National Semiconductor (TI) GXM Datasheet HTML 3Page - National Semiconductor (TI) GXM Datasheet HTML 4Page - National Semiconductor (TI) GXM Datasheet HTML 5Page - National Semiconductor (TI) GXM Datasheet HTML 6Page - National Semiconductor (TI) GXM Datasheet HTML 7Page - National Semiconductor (TI) GXM Datasheet HTML 8Page - National Semiconductor (TI) GXM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 244 page
background image
© 2000 National Semiconductor Corporation
www.national.com
April 2000
Geode™ GXm Processor
Integrated x86 Solution with MMX Support
General Description
The National Semiconductor® Geode™ GXm processor
is an advanced 32-bit x86 compatible processor offering
high performance, fully accelerated 2D graphics, a 64-bit
synchronous DRAM controller and a PCI bus controller,
all on a single chip that is compatible with Intel’s MMX
technology.
The GXm processor core is a proven design that offers
competitive CPU performance. It has integer and floating
point execution units that are based on sixth-generation
technology. The integer core contains a single, six-stage
execution pipeline and offers advanced features such as
operand forwarding, branch target buffers, and extensive
write buffering. A 16 KB write-back L1 cache is accessed
in a unique fashion that eliminates pipeline stalls to fetch
operands that hit in the cache.
In addition to the advanced CPU features, the GXm pro-
cessor integrates a host of functions which are typically
implemented with external components. A full-function
graphics accelerator provides pixel processing and ren-
dering functions.
A separate on-chip video buffer enables >30 fps MPEG1
video playback when used together with the CS5530 I/O
companion chip. Graphics and system memory accesses
are supported by a tightly-coupled synchronous DRAM
(SDRAM) memory controller. This tightly coupled memory
subsystem eliminates the need for an external L2 cache.
The GXm processor includes Virtual System Architec-
ture® (VSA™ technology) enabling XpressGRAPHICS
and XpressAUDIO subsystems as well as generic emula-
tion capabilities. Software handler routines for the Xpress-
GRAPHICS and XpressAUDIO subsystems can be
included in the BIOS and provide compatible VGA and 16-
bit industry standard audio emulation. XpressAUDIO tech-
nology eliminates much of the hardware traditionally asso-
ciated with audio functions.
Geode™ GXm Processor Internal Block Diagram
Write-Back
Unit
FPU
Internal Bus Interface Unit
Graphics
Memory
Display
PCI
SDRAM Port
CS5530
PCI Bus
Integer
Cache Unit
Integrated
Functions
MMU
(CRT/LCD TFT)
X-Bus
Pipeline
Controller
Controller
Controller
C-Bus
National Semiconductor and Virtual System Architecture are registered trademarks of National Semiconductor Corporation.
Geode and VSA are trademarks of National Semiconductor Corporation.
For a complete listing of National Semiconductor trademarks, please visit www.national.com/trademarks.


Similar Part No. - GXM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GXM-4300 ETC2-GXM-4300 Datasheet
638Kb / 2P
Fanless Intel짰 Atom??1.6Ghz embedded system with HDMI, VGA, DVI-D,COM, Dual LAN, USB and CompactFlash or SATA drive support
logo
Baumer IVO GmbH & Co. K...
GXM2S IVO-GXM2S Datasheet
655Kb / 4P
Absolute encoders - SSI
GXM2S.010A102 IVO-GXM2S.010A102 Datasheet
655Kb / 4P
Absolute encoders - SSI
GXM2S.010A104 IVO-GXM2S.010A104 Datasheet
655Kb / 4P
Absolute encoders - SSI
GXM2S.010A106 IVO-GXM2S.010A106 Datasheet
655Kb / 4P
Absolute encoders - SSI
More results

Similar Description - GXM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
GX1 NSC-GX1 Datasheet
4Mb / 247P
Processor Series Low Power Integrated x86 Solution
GXLV NSC-GXLV Datasheet
4Mb / 247P
Geode??GXLV Processor Series Low Power Integrated x86 Solutions
logo
Synaptics Incorporated.
CX86201 CONEXANT-CX86201 Datasheet
222Kb / 2P
Network Processor with Integrated Ethernet Switch and USB2.0 Support
logo
AAEON Technology
GENE-4312 AAEON-GENE-4312 Datasheet
385Kb / 1P
AMD Geode GX1 Processor
HSB-460I AAEON-HSB-460I Datasheet
630Kb / 1P
AMD Geode GX1 Processor
PCM-4896 AAEON-PCM-4896 Datasheet
380Kb / 1P
AMD Geode GX1 Processor
PCM-4896L AAEON-PCM-4896L Datasheet
452Kb / 1P
AMD Geode GX1 Processor
PFM-535I AAEON-PFM-535I Datasheet
1Mb / 1P
AMD Geode GX1 Processor
PCM-5895B AAEON-PCM-5895B Datasheet
260Kb / 2P
AMD Geode??LX800 Processor
logo
Intel Corporation
FV80503CSM66166 INTEL-FV80503CSM66166 Datasheet
1Mb / 62P
Low-Power Embedded Pentium짰 Processor with MMX??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com