Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 27Page - National Semiconductor (TI) GXM Datasheet HTML 28Page - National Semiconductor (TI) GXM Datasheet HTML 29Page - National Semiconductor (TI) GXM Datasheet HTML 30Page - National Semiconductor (TI) GXM Datasheet HTML 31Page - National Semiconductor (TI) GXM Datasheet HTML 32Page - National Semiconductor (TI) GXM Datasheet HTML 33Page - National Semiconductor (TI) GXM Datasheet HTML 34Page - National Semiconductor (TI) GXM Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 244 page
background image
Revision 3.1
31
www.national.com
Signal Definitions (Continued)
CRT_VSYNC
AA3
AH2
O
CRT Vertical Sync
CRT Vertical Sync establishes the screen refresh rate and verti-
cal retrace interval for an attached CRT. The polarity is program-
mable and depends on the display mode.
FP_HSYNC
L2
R4
O
Flat Panel Horizontal Sync
Flat Panel Horizontal Sync establishes the line rate and horizon-
tal retrace interval for a TFT display. Polarity is programmable
and depends on the display mode.
This signal is an input to the CS5530. The CS5530 re-drives this
signal to the flat panel.
If no flat panel is used in the system, this signal does not need to
be connected.
FP_VSYNC
J1
P2
O
Flat Panel Vertical Sync
Flat Panel Vertical Sync establishes the screen refresh rate and
vertical retrace interval for a TFT display. Polarity is programma-
ble and depends on the display mode.
This signal is an input to the CS5530. The CS5530 re-drives this
signal to the flat panel.
If no flat panel is used in the system, this signal does not need to
be connected.
ENA_DISP
AD5
AM6
O
Display Enable
Display Enable indicates the active display portion of a scan line
to the CS5530.
In a CS5530-based system, this signal is required to be con-
nected even if there is no TFT panel in the system.
VID_RDY
AD1
AK2
I
Video Ready
This input signal indicates that the video FIFO in the CS5530 is
ready to receive more data.
VID_VAL
M2
S3
O
Video Valid
VID_VAL qualifies valid video data to the CS5530.
VID_DATA[7:0]
Refer
to
Refer
to Table
2-5
O
Video Data Bus
When the Video Port is enabled, this bus drives Video (Y-U-V)
data synchronous to the VID_CLK output.
PIXEL[17:0]
Refer
to Table
2-3
Refer
to Table
2-5
O
Graphics Pixel Data Bus
This bus drives graphics pixel data synchronous to the PCLK
output.
2.2.4
Video Interface Signals (Continued)
Signal Name
BGA
Pin No
SPGA
Pin No
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com