Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 28Page - National Semiconductor (TI) GXM Datasheet HTML 29Page - National Semiconductor (TI) GXM Datasheet HTML 30Page - National Semiconductor (TI) GXM Datasheet HTML 31Page - National Semiconductor (TI) GXM Datasheet HTML 32Page - National Semiconductor (TI) GXM Datasheet HTML 33Page - National Semiconductor (TI) GXM Datasheet HTML 34Page - National Semiconductor (TI) GXM Datasheet HTML 35Page - National Semiconductor (TI) GXM Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 244 page
background image
www.national.com
32
Revision 3.1
Signal Definitions (Continued)
2.2.5
Power, Ground, and No Connect Signals
Signal Name
BGA
Pin No.
SPGA
Pin No.
Type
Description
VOLDET
AC5
AM36
O
Voltage Detect
In early schematic revisions this pin was identified as VOLDET.
However, in the production version this pin is a "no connect" and
should be left disconnected.
VSS
Refer
to Table
2-3
(Total
of 71)
Refer
to Table
2-5
(Total
of 50)
GND
Ground Connection
VCC2
Refer
to Table
2-3
(Total
of 32)
Refer
to Table
2-5
(Total
of 32)
PWR
2.9V (nominal) Core Power Connection
VCC3
Refer
to Table
2-3
(Total
of 32)
Refer
to Table
2-5
(Total
of 18)
PWR
3.3V (nominal) I/O Power Connection
NC
--
Q5, X2,
Z2
No Connection
A line designated as NC should be left disconnected.
2.2.6
Internal Test and Measurement Signals
Signal Name
BGA
Pin No.
SPGA
Pin No.
Type
Description
FLT#
AC2
AJ3
I
Float
Float Outputs force the GXm processor to float all outputs in the
high-impedance state and to enter a power-down state.
RW_CLK
AE6
AL11
O
Raw Clock
This output is the GXm processor clock. This debug signal can
be used to verify clock operation.
TEST[3:0]
B22,
A23,
B21,
C21
D28,
B32,
D26,
A33
O
SDRAM Test Outputs
These outputs are used for internal debug only.
TCLK
J2
(PU)
P4
(PU)
I
Test Clock
JTAG test clock.
This pin is internally connected to a 20-kohm pull-up resistor.
TDI
D2
(PU)
F4
(PU)
I
Test Data Input
JTAG serial test-data input.
This pin is internally connected to a 20-kohm pull-up resistor.
TDO
F1
J1
O
Test Data Output
JTAG serial test-data output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com