Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 77 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 77 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 73Page - National Semiconductor (TI) GXM Datasheet HTML 74Page - National Semiconductor (TI) GXM Datasheet HTML 75Page - National Semiconductor (TI) GXM Datasheet HTML 76Page - National Semiconductor (TI) GXM Datasheet HTML 77Page - National Semiconductor (TI) GXM Datasheet HTML 78Page - National Semiconductor (TI) GXM Datasheet HTML 79Page - National Semiconductor (TI) GXM Datasheet HTML 80Page - National Semiconductor (TI) GXM Datasheet HTML 81Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 244 page
background image
Revision 3.1
77
www.national.com
Processor Programming (Continued)
3.10.5 Exceptions in Real Mode
Many of the exceptions described in Table 3-29 on page
75 are not applicable in real mode. Exceptions 10, 11, and
14 do not occur in real mode. Other exceptions have
slightly different meanings in real mode as listed in Table
3-31.
3.10.6 Error Codes
When operating in protected mode, the following exceptions
generate a 16-bit error code:
• Double Fault
• Alignment Check
•Invalid TSS
• Segment Not Present
•Stack Fault
• General Protection Fault
• Page Fault
The error code format and bit definitions are shown in
Table 3-32. Bits [15:3] (selector index) are not meaningful
if the error code was generated as the result of a page
fault. The error code is always zero for double faults and
alignment check exceptions.
Table 3-31. Exception Changes in Real Mode
Vector
Number
Protected Mode
Function
Real Mode
Function
8
Double fault.
Interrupt table limit overrun.
10
Invalid TSS.
Does not occur.
11
Segment not
present.
Does not occur.
12
Stack fault.
SS segment limit overrun.
13
General protection
fault.
CS,DS, ES,FS, GS seg-
ment limit overrun. In pro-
tected mode, an error is
pushed. In real mode, no
error is pushed.
14
Page fault.
Does not occur.
Table 3-32. Error Codes
15
14
13
12
11
10
987
6543
2
1
0
Selector Index
S2
S1
S0
Table 3-33. Error Code Bit Definitions
Fault
Type
Selector Index
(Bits 15:3)
S2 (Bit 2)
S1 (Bit 1)
S0 (Bit 0)
Page
Fault
Reserved.
Fault caused by:
0 = Not present page
1 = Page-level protection
violation
Fault occurred during:
0 = Read access
1= Writeaccess
Fault occurred during
0 = Supervisor access
1 = User access.
IDT Fault
Index of faulty IDT
selector.
Reserved
1
If = 1, exception occurred while
trying to invoke exception or
hardware interrupt handler.
Segment
Fault
Index of faulty
selector.
TI bit of faulty selector
0
If =1, exception occurred while
trying to invoke exception or
hardware interrupt handler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com