Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 67Page - National Semiconductor (TI) GXM Datasheet HTML 68Page - National Semiconductor (TI) GXM Datasheet HTML 69Page - National Semiconductor (TI) GXM Datasheet HTML 70Page - National Semiconductor (TI) GXM Datasheet HTML 71Page - National Semiconductor (TI) GXM Datasheet HTML 72Page - National Semiconductor (TI) GXM Datasheet HTML 73Page - National Semiconductor (TI) GXM Datasheet HTML 74Page - National Semiconductor (TI) GXM Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 244 page
background image
Revision 3.1
71
www.national.com
Processor Programming (Continued)
Table 3-27. 16-Bit Task State Segment (TSS) Table
15
0
Selector for Task’s LDT
+2Ah
DS
+28h
SS
+26h
CS
+24h
ES
+22h
DI
+20h
SI
+1Eh
BP
+1Ch
SP
+1Ah
BX
+18h
DX
+16h
CX
+14h
AX
+12h
EFLAGS
+10h
IP
+Eh
SS for Privilege Level 0
+Ch
SP for Privilege Level 1
+Ah
SS for Privilege Level 1
+8h
SP for Privilege Level 1
+6h
SS for Privilege Level 0
+4h
SP for Privilege Level 0
+2h
Back Link (Old TSS Selector)
+0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com