Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 42Page - National Semiconductor (TI) GXM Datasheet HTML 43Page - National Semiconductor (TI) GXM Datasheet HTML 44Page - National Semiconductor (TI) GXM Datasheet HTML 45Page - National Semiconductor (TI) GXM Datasheet HTML 46Page - National Semiconductor (TI) GXM Datasheet HTML 47Page - National Semiconductor (TI) GXM Datasheet HTML 48Page - National Semiconductor (TI) GXM Datasheet HTML 49Page - National Semiconductor (TI) GXM Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 244 page
background image
www.national.com
46
Revision 3.1
Processor Programming (Continued)
30
CD
Cache Disable: If CD = 1, no further cache line fills occur. However, data already present in the cache continues
to be used if the requested address hits in the cache. Writes continue to update the cache and cache invalida-
tions due to inquiry cycles occur normally. The cache must also be invalidated with a WBINVD instruction to com-
pletely disable any cache activity.
29
NW
Not Write-Through: If NW = 1, the on-chip cache operates in write-back mode. In write-back mode, writes are
issued to the external bus only for a cache miss, a line replacement of a modified line, execution of a locked
instruction, or a line eviction as the result of a flush cycle. If NW = 0, the on-chip cache operates in write-through
mode. In write-through mode, all writes (including cache hits) are issued to the external bus. This bit cannot be
changed if LOCK_NW = 1 in CCR2.
18
AM
Alignment Check Mask: If AM = 1, the AC bit in the EFLAGS register is unmasked and allowed to enable align-
ment check faults. Setting AM = 0 prevents AC faults from occurring.
16
WP
Write Protect: Protects read-only pages from supervisor write access. WP = 0 allows a read-only page to be
written from privilege level 0-2. WP = 1 forces a fault on a write to a read-only page from any privilege level.
5NE
Numerics Exception: NE = 1 to allow FPU exceptions to be handled by interrupt 16. NE = 0 if FPU exceptions
are to be handled by external interrupts.
4RSVD
Reserved: Do not attempt to modify, always 1.
3TS
Task Switched: Set whenever a task switch operation is performed. Execution of a floating point instruction with
TS = 1 causes a DNA fault. If MP = 1 and TS = 1, a WAIT instruction also causes a DNA fault.
2EM
Emulate Processor Extension: If EM = 1, all floating point instructions cause a DNA fault 7.
1MP
Monitor Processor Extension: If MP = 1 and TS = 1, a WAIT instruction causes Device Not Available (DNA)
fault 7. The TS bit is set to 1 on task switches by the CPU. Floating point instructions are not affected by the state
of the MP bit. The MP bit should be set to one during normal operations.
0PE
Protected Mode Enable: Enables the segment based protection mechanism. If PE = 1, protected mode is
enabled. If PE = 0, the CPU operates in real mode and addresses are formed as in an 8086-style CPU. Refer to
Section 3.13 “Protection” on page 86.
Table 3-7. CR4-CR0 Bit Definitions (Continued)
Bit
Name
Description
Table 3-8. Effects of Various Combinations of EM, TS, and MP Bits
CR0[3:1]
Instruction Type
TS
EM
MP
WAIT
ESC
0
0
0
Execute
Execute
0
0
1
Execute
Execute
1
0
0
Execute
Fault 7
1
0
1
Fault 7
Fault 7
0
1
0
Execute
Fault 7
0
1
1
Execute
Fault 7
1
1
0
Execute
Fault 7
1
1
1
Fault 7
Fault 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com