Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 84 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 84 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 80Page - National Semiconductor (TI) GXM Datasheet HTML 81Page - National Semiconductor (TI) GXM Datasheet HTML 82Page - National Semiconductor (TI) GXM Datasheet HTML 83Page - National Semiconductor (TI) GXM Datasheet HTML 84Page - National Semiconductor (TI) GXM Datasheet HTML 85Page - National Semiconductor (TI) GXM Datasheet HTML 86Page - National Semiconductor (TI) GXM Datasheet HTML 87Page - National Semiconductor (TI) GXM Datasheet HTML 88Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 244 page
background image
www.national.com
84
Revision 3.1
Processor Programming (Continued)
that no internal SMIs are generated in SMM, so the pro-
cessor ignores such events. If the internal and external
SMI signals are received simultaneously, then the internal
SMI is given priority to avoid losing the event.
The state diagram of the SMI_NEST and Nested SMI Sta-
tusbits are shown inFigure3-11witheachstate
explained next.
A. When the processor is outside of SMM, Nested SMI
Status is always clear and SMI_NEST is set high.
B. The first-level SMI interrupt is received by the
processor. The microcode clears SMI_NEST, sets
Nested SMI Status high and saves the previous
value of Nested SMI Status (0) in the SMI header.
C. The first-level SMI handler saves the header and
sets SMI_NEST high to re-enable SMI interrupts
from SMM.
D. A second-level (nested) SMI interrupt is received by
the processor. This SMI is taken even though the
processor is in SMM because the SMI_NEST bit is
set high. The microcode clears SMI_NEST, sets
Nested SMI Status high and saves the previous
value of Nested SMI Status (1) in the SMI header.
E. The second-level SMI handler saves the header and
sets SMI_NEST to re-enable SMI interrupts within
SMM. Another level of nesting could occur during
this period.
F. The second-level SMI handler clears SMI_NEST to
disable SMI interrupts, then restores its SMI header.
G. The second-level SMI handler executes an RSM.
The microcode sets SMI_NEST, and restores the
Nested SMI Status (1) based on the SMI header.
H. The first-level SMI handler clears SMI_NEST to
disable SMI interrupts, then restores its SMI header.
I. The first-level SMI handler executes an RSM. The
microcode sets SMI_NEST high and restores the
Nested SMI Status (0) based on the SMI header.
When the processor is outside of SMM, Nested SMI Sta-
tus is always clear and SMI_NEST is set high.
Figure 3-11. SMI Nesting State Machine
SMI_NEST
Nested SMI Status
AB
C
D
E
F
G
H
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com