Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 55Page - National Semiconductor (TI) GXM Datasheet HTML 56Page - National Semiconductor (TI) GXM Datasheet HTML 57Page - National Semiconductor (TI) GXM Datasheet HTML 58Page - National Semiconductor (TI) GXM Datasheet HTML 59Page - National Semiconductor (TI) GXM Datasheet HTML 60Page - National Semiconductor (TI) GXM Datasheet HTML 61Page - National Semiconductor (TI) GXM Datasheet HTML 62Page - National Semiconductor (TI) GXM Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 244 page
background image
Revision 3.1
59
www.national.com
Processor Programming (Continued)
3.3.3
Model Specific Register Set
The Model Specific Register (MSR) Set is used to monitor
the performance of the processor or a specific component
within the processor.
A MSR can be read using the RDMSR instruction, opcode
0F32h. During a MSR read, the contents of the particular
MSR, specified by the ECX Register, is loaded into the
EDX:EAX Registers.
A MSR can be written using the WRMSR instruction,
opcode 0F30h. During a MSR write, the contents of
EX:EAX are loaded into the MSR specified in the ECX
Register.
The RDMSR and WRMSR instructions are privileged
instructions.
The GXm processor contains one 64-bit Model Specific
Register (MSR10) the Time Stamp Counter (TSC).
3.3.4
Time Stamp Counter
The processor contains a model specific register (MSR)
called the Time Stamp Counter (TSC). The TSC,
(MSR[10]), is a 64-bit counter that counts the internal
CPU clock cycles since the last reset. The TSC uses a
continuous CPU core clock and will continue to count
clock cycles even when the processor is in suspend or
shutdown mode.
The TSC is read using a RDMSR instruction, opcode 0F
32h, with the ECX register set to 10h. During a TSC read,
the contents of the TSC is loaded into the EDX:EAX regis-
ters.
The TSC is written to using a WRMSR instruction, opcode
0F 30h with the ECX register set to 10h. During a TSC
write, the contents of EX:EAX are loaded into the TSC.
The RDMSR and WRMSR instructions are privileged
instructions.
In addition, theTSC canbereadusing theRDTSC
instruction, opcode 0F 31h. The RDTSC instruction loads
the contents of the TSC into EDX:EAX. The use of the
RDTSC instruction is restricted by the TSC flag (bit 2) in
the CR4 register (refer to Tables 3-6 and 3-7 on pages 45
and 45 for CR4 register information). When the TSC bit =
0, the RDTSC instruction can be executed at any privilege
level. When the TSC bit = 1, the RDTSC instruction can
only be executed at privilege level 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com