Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 58Page - National Semiconductor (TI) GXM Datasheet HTML 59Page - National Semiconductor (TI) GXM Datasheet HTML 60Page - National Semiconductor (TI) GXM Datasheet HTML 61Page - National Semiconductor (TI) GXM Datasheet HTML 62Page - National Semiconductor (TI) GXM Datasheet HTML 63Page - National Semiconductor (TI) GXM Datasheet HTML 64Page - National Semiconductor (TI) GXM Datasheet HTML 65Page - National Semiconductor (TI) GXM Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 244 page
background image
www.national.com
62
Revision 3.1
Processor Programming (Continued)
3.7
DESCRIPTORS AND SEGMENT MECHANISMS
Memory is divided into contiguous regions called “seg-
ments.” The segments allow the partitioning of individual
elements of a program. Each segment provides a zero
address-based private memory for such elements as
code, data and stack space.
The segment mechanisms select a segment in memory.
Memory is divided into an arbitrary number of segments,
each containing usually much less than the 232 byte (4
GByte) maximum.
There are two segment mechanisms, one for Real and
Virtual 8086 Operating Modes, and one for Protective
Mode.
3.7.1
Real and Virtual 8086 Mode Segment
Mechanisms
Real Mode Segment Mechanism
In real mode operation, the CPU addresses only the low-
est 1 MB of memory. In this mode a selector located in
one of the segment registers is used to locate a segment.
To calculate a physical memory address, the 16-bit seg-
ment base address located in the selected segment regis-
ter is multiplied by 16 and then a 16-bit offset address is
added. The resulting 20-bit address is then extended with
twelve zeros in the upper address bits to crate 32-bit phys-
ical address.
The value of the selector (the INDEX field) is multiplied by
16 to produce a base address (Figure 3-4.) The base
address is summed with the instruction offset value to pro-
duce a physical address.
Virtual 8086 Mode Segment Mechanism
In Virtual 8086 mode the operation is performed as in real
mode except that a paging mechanism is added. When
paging is enabled, the paging mechanism translates the
linear address into a physical address using cached look-
up tables (refer to Section 3.9 “Paging Mechanism” on
page 72).
Figure 3-4. Real Mode Address Calculation
Offset Mechanism
Selected Segment
Register
Offset Address
000h
X16
16
12
20
20
16
32
Linear Address
(Physical Address)
Base Address
12 High Order Address Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com